Electronic Components Datasheet Search
  English  ▼

X  

TPS2020D Datasheet (PDF) - Texas Instruments

TPS2020D Datasheet PDF - Texas Instruments
Part # TPS2020D
Download  TPS2020D Download
File Size   859.75 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER-DISTRIBUTION SWITCHES

TPS2020D Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2020D Datasheet PDF - Texas Instruments

Part # TPS2020D
Download  TPS2020D Click to download

File Size   859.75 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER-DISTRIBUTION SWITCHES

TPS2020D Datasheet (HTML) - Texas Instruments


TPS2020D Product details

1FEATURES
· 33-mΩ (5-V Input) High-Side MOSFET Switch
· Short-Circuit and Thermal Protection
· Overcurrent Logic Output
· Operating Range . . . 2.7 V to 5.5 V
· Logic-Level Enable Input
· Typical Rise Time . . . 6.1 ms
· Undervoltage Lockout
· Maximum Standby Supply Current . . . 10 μA
· No Drain-Source Back-Gate Diode
· Available in 8-Pin SOIC and PDIP Packages
· Ambient Temperature Range, –40°C to 85°C
· 2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
· UL Listed - File No. E169910

DESCRIPTION
The TPS202x family of power distribution switches is intended for applications where heavy capacitive loads and
short circuits are likely to be encountered. These devices are 50-mΩ N-channel MOSFET high-side power
switches. The switch is controlled by a logic enable compatible with 5-V logic and 3-V logic. Gate drive is
provided by an internal charge pump designed to control the power-switch rise times and fall times to minimize
current surges during switching. The charge pump requires no external components and allows operation from
supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS202x limits the output
current to a safe level by switching into a constant-current mode, pulling the overcurrent (OC) logic output low.
When continuous heavy overloads and short circuits increase the power dissipation in the switch, causing the
junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a
thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present.
The TPS202x devices differ only in short-circuit current threshold. The TPS2020 limits at 0.3-A load, the
TPS2021 at 0.9-A load, the TPS2022 at 1.5-A load, the TPS2023 at 2.2-A load, and the TPS2024 at 3-A load
(see Available Options). The TPS202x is available in an 8-pin small-outline integrated-circuit (SOIC) package
and in an 8-pin dual in-line package (DIP) and operates over a junction temperature range of –40°C to 125°C.




Similar Part No. - TPS2020D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2020D TI-TPS2020D Datasheet
377Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2020D TI1-TPS2020D Datasheet
812Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2020DG4 TI1-TPS2020DG4 Datasheet
812Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2020DR TI1-TPS2020DR Datasheet
812Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2020DRG4 TI1-TPS2020DRG4 Datasheet
812Kb / 29P
POWER-DISTRIBUTION SWITCHES
More results


Similar Description - TPS2020D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com