Electronic Components Datasheet Search
  English  ▼

X  

TPD6F002DSVR Datasheet (PDF) - Texas Instruments

TPD6F002DSVR Datasheet PDF - Texas Instruments
Part # TPD6F002DSVR
Download  TPD6F002DSVR Download
File Size   982.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link

TPD6F002DSVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD6F002DSVR Datasheet PDF - Texas Instruments

Part # TPD6F002DSVR
Download  TPD6F002DSVR Click to download

File Size   982.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD6F002 Six-Channel EMI Filter for LCD Display and FPD-Link

TPD6F002DSVR Datasheet (HTML) - Texas Instruments


TPD6F002DSVR Product details

1 Features
1• Six-Channel EMI Filtering for Data Ports
– –57-dB Crosstalk Attenuation at 100 MHz
– –35-dB Insertion Loss at 800 MHz
– –3-dB Bandwidth at 100 MHz
• Robust ESD Protection Exceeds IEC 61000-4-2
(Level 4)
– ±20-kV IEC 61000-4-2 Contact Discharge
– ±30-kV IEC 61000-4-2 Air-Gap Discharge
• Pi-Style (C-R-C) Filter Configuration
(R = 100 Ω, CTOTAL = 34 pF)
• Low Leakage Current: 20 nA (Maximum)
• Space-Saving WSON Package (3 mm × 1.35 mm)

2 Applications
• LCD Display Interface
• GPIO
• Memory Interface
• Data Lines at Flex Cables
• FPD-Link

3 Description
The TPD6F002 device is a highly-integrated device
that provides a six-channel Electromagnetic
Interference (EMI) filter and a TVS based ESD
protection diode array. The low-pass filter array
suppresses EMI/RFI emissions for data ports subject
to electromagnetic interference. The TVS diode array
is rated to dissipate ESD strikes above the maximum
level specified in the IEC 61000-4-2 international
standard. The high level of integration, combined with
its small easy-to-route DSV package, allows this
device to provide great circuit protection for LCD
displays, memory interfaces, GPIO lines, and FPDLink.




Similar Part No. - TPD6F002DSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F002DSVR TI-TPD6F002DSVR Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
More results


Similar Description - TPD6F002DSVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
24-Bit Color FPD-Link to FPD-Link II Converter
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
18-Bit Color Flat Panel Display (FPD) Link
TPD6F002-Q1 TI1-TPD6F002-Q1 Datasheet
929Kb / 19P
Automotive ESD Protection and EMI Filter for LCD Displays and FPD-Link
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com