Electronic Components Datasheet Search
  English  ▼

X  

53885 Datasheet (PDF) - Molex Electronics Ltd.

53885 Datasheet PDF - Molex Electronics Ltd.
Part # 53885
Download  53885 Download
File Size   35.9 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SlimStack™ 0.50mm Pitch Board-to-Board Connectors

53885 Datasheet (PDF)

Go To PDF Page Download Datasheet
53885 Datasheet PDF - Molex Electronics Ltd.

Part # 53885
Download  53885 Click to download

File Size   35.9 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SlimStack™ 0.50mm Pitch Board-to-Board Connectors

53885 Datasheet (HTML) - Molex Electronics Ltd.


53885 Product details

Description: 0.50mm Pitch SlimStack™ Plug, Surface Mount, Dual Row, Vertical, 2.50mm Stack Height, without Solder Tab, 40 Circuits

Application
Board-to-Board, Signal




Similar Part No. - 53885

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53885 MOLEX-53885 Datasheet
35Kb / 2P
SlimStack™ 0.50mm Pitch Board-to-Board Connectors
03/15/2017
53885-0308 MOLEX11-53885-0308 Datasheet
326Kb / 6P
0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
53885-0408 MOLEX7-53885-0408 Datasheet
363Kb / 8P
0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.50mm(.098") Stack Height, without Solder Tab, 40 Circuits
53885-0508 MOLEX7-53885-0508 Datasheet
363Kb / 8P
0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.50mm(.098") Stack Height, without Solder Tab, 50 Circuits
53885-0608 MOLEX7-53885-0608 Datasheet
363Kb / 8P
0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 2.50mm(.098") Stack Height, without Solder Tab, 60 Circuits
More results


Similar Description - 53885

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502430-2010 MOLEX-502430-2010 Datasheet
1Mb / 2P
SlimStack SMT Board-to-Board Connectors, with Ultra-Narrow
5024303010 MOLEX11-5024303010 Datasheet
485Kb / 7P
0.40mm (.016") Pitch SlimStack??Board-to-Board
5015310410 MOLEX11-5015310410 Datasheet
459Kb / 9P
0.40mm (.016") Pitch SlimStack??Board-to-Board
5015270530 MOLEX11-5015270530 Datasheet
437Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle
5024303210 MOLEX11-5024303210 Datasheet
485Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board
5015270230 MOLEX11-5015270230 Datasheet
437Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle
5024262430 MOLEX11-5024262430 Datasheet
554Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle, SMT
5009130502 MOLEX11-5009130502 Datasheet
609Kb / 8P
0.40mm (.016") Pitch SlimStack??Board-to-Board Receptacle-Header
5019205001 MOLEX11-5019205001 Datasheet
104Kb / 3P
0.50mm (.020") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking
5019204001 MOLEX11-5019204001 Datasheet
311Kb / 6P
0.50mm (.020") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com