Electronic Components Datasheet Search
  English  ▼

X  

EGS2016AFB Datasheet (PDF) - Eaton All Rights Reserved.

EGS2016AFB Datasheet PDF - Eaton All Rights Reserved.
Part # EGS2016AFB
Download  EGS2016AFB Download
File Size   1007.09 Kbytes
Page   63 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Circuit Breakers

EGS2016AFB Datasheet (PDF)

Go To PDF Page Download Datasheet
EGS2016AFB Datasheet PDF - Eaton All Rights Reserved.

Part # EGS2016AFB
Download  EGS2016AFB Click to download

File Size   1007.09 Kbytes
Page   63 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Circuit Breakers

EGS2016AFB Datasheet (HTML) - Eaton All Rights Reserved.


EGS2016AFB Product details

For our complete product offering, see Volume 4—Circuit Protection, CA08100005E.
Description
Molded Case Circuit Breaker
Molded Case Circuit Breakers
Miniature Circuit Breakers
Page V9-T1-5 Page V9-T1-13 Page V9-T1-19
General Applications
Line protection—molded case switch, motor circuit
protection (combination tested with Eaton starters
and contactors) thermal-magnetic and electronic
trip units.
Line protection—feeder and branch thermalmagnetic
trip unit.
Used to provide branch circuit protection in
cable-in/out panel or DIN rail mount
applications.
Technical Data
Maximum current rating 2500A 600A 100A
Maximum voltage—AC 690 Vac 480 Vac 240 Vac
Maximum voltage—DC 250 Vdc 250 Vdc 80 Vdc
Poles 1, 2, 3, 4 1, 2, 3 QC = 1, 2, 3, 4
QCD = 1, 2, 3
QCR/QCF = 1, 2, 3
Max. interrupting capacities
See individual catalogs for
limitations and back-up
protection requirements.
Three-pole at 240V
E = 200 kA
J = 200 kA
L = 200 kA
Three-pole at 480V
E = 100 kA
J = 200 kA
L = 200 kA
Three-pole at 240V
G = 25 kA (480/277)
F = 25 kA
J = 35 kA
K = 35 kA
L = 35 kA
Three-pole at 480V
GI = 14 kA (480/277)
GD = 22 kA
F = 14 kA
J = 20 kA
K = 20 kA
L = 20 kA
65 kA at 240 Vac
5 kA at 80 Vdc
Approvals
UL® 489
IEC 60947-2
CE
CSA®
KEMA-KEUR
CCC
UL 489CE
IEC 60947-2
CE
CSA
UL 489
CSA 22.2
Environmental Data
Humidity Non-condensing 100% relative humidity Non-condensing 100% relative humidity —
Shock — — —
Vibration — — —
Operating temperature –20° to 70°C (–4° to 158°F) derating applies –20° to 70°C (–4° to 158°F) derating applies 40°C (104°F)
Dielectric strength Below 250A 6 kV
Above 250A 8 kV
Below 250A 6 kV
Above 250A 8 kV
1960 Vac (acc. to UL 489)
Insulation resistance 750 Vac 750 Vac —
Endurance/life 250A: EG, JG = 8,000 operations
630A: LG = 6,000 operations
250A: Gi = 10,000 operations
Fi = 8,000 operations
400A: Ji, Ki, Li = 6,000 operations
>10,000 operations
Approximate weight E Three-pole—2.88 lbs (1.04 kg)
J Three-pole—5.06 lbs (2.30 kg)
L Three-pole—12.36 lbs (5.61 kg)
G Three-pole—2.10 lbs (0.95 kg)
F Three-pole—4.5 lbs (2.0 kg)
J Three-pole—12.50 lbs (5.7 kg)
K Three-pole—11.50 lbs (5.2 kg)
QC Single-pole—0.36 lbs (162.8 g)
Two-pole—0.61 lbs (274.9 g)
Three-pole—1.14 lbs (518.3 g)
QCD Single-pole—0.43 lbs (195.3 g)
Two-pole—0.89 lbs (401.9 g)
Three-pole—1.34 lbs (605.6 g)
QCR Single-pole—0.22 lbs (97.9 g)
Two-pole—0.48 lbs (215.8 g)
Three-pole—0.70 lbs (315.6 g)
QCF Single-pole—0.24 lbs (109.9 g)
Two-pole—0.50 lbs (225.2 g)
Three-pole—0.74 lbs (335.1 g)
Mounting configuration Backpan, plug-in adapter, DIN rail (E) Backpan, DIN rail (G) Panel mount, front mount, 35 mm DIN rail
mountable




Similar Part No. - EGS2016AFB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EGS2016FFG EATON-EGS2016FFG Datasheet
975Kb / 45P
Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
More results


Similar Description - EGS2016AFB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
logo
Schurter Inc.
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
CIRCUIT BREAKERS FOR EQUIPMENT
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
Thermomagnetic circuit breakers
2010-08-18
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com