Electronic Components Datasheet Search
  English  ▼

X  

TCA9617B Datasheet (PDF) - Texas Instruments

TCA9617B Datasheet PDF - Texas Instruments
Part # TCA9617B
Download  TCA9617B Download
File Size   924.57 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9617B Level-Translating FM I2C Bus Repeater

TCA9617B Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9617B Datasheet PDF - Texas Instruments

Part # TCA9617B
Download  TCA9617B Click to download

File Size   924.57 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9617B Level-Translating FM I2C Bus Repeater

TCA9617B Datasheet (HTML) - Texas Instruments


TCA9617B Product details

1 Features
• Two-channel bidirectional I2C buffer
• Support for standard mode, fast mode (400kHz),
and fast mode+ (1MHz) I2C operation
• Operating supply voltage range of 0.8V to 5.5V on
A-side
• Operating supply voltage range of 2.2V to 5.5V on
B-side
• Voltage-level translation from 0.8V to 5.5V and
2.2V to 5.5V
• Footprint and function replacement for TCA9517
• Active-high repeater-enable input
• Open-drain I2C I/O
• 5.5V Tolerant I2C and enable input support
• Lockup-free operation
• Powered-off high-impedance I2C bus pins
• Support for clock stretching and multiple controller
arbitration across the device
• Latch-up performance exceeds 100mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 4000V Human-body model
– 1500V Charged-device model

2 Applications
• Servers
• Routers (Telecom Switching Equipment)
• Industrial Equipment
• Products with many I2C targets and/or long PCB
traces

3 Description
The TCA9617B is a BiCMOS dual bidirectional buffer
intended for I2C bus and SMBus systems. The
device provides bidirectional voltage-level translation
(up-translation and down-translation) between low
voltages (down to 0.8V) and higher voltages
(2.2V to 5.5V) in mixed-mode applications. This
device enables I2C and similar bus systems to be
extended, without degradation of performance even
during level shifting.
The TCA9617B buffers both the serial data (SDA) and
the serial clock (SCL) signals on the I2C bus, allowing
two buses of 550pF to be connected in an I2C
application. This device can also be used to separate
two halves of a bus for voltage and capacitance.




Similar Part No. - TCA9617B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
Level-Translating FM I2C Bus Repeater
TCA9617BDGKR TI1-TCA9617BDGKR Datasheet
912Kb / 24P
Level-Translating FM I2C Bus Repeater
More results


Similar Description - TCA9617B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Texas Instruments
TCA9617A TI1-TCA9617A Datasheet
787Kb / 17P
LEVEL-TRANSLATING FM I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
Level-Translating FM I2C Bus Repeater
logo
ON Semiconductor
PCA9617A ONSEMI-PCA9617A Datasheet
157Kb / 15P
Level-Translating Fm I2C-Bus Repeater
April, 2014 ??Rev. 1
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
LEVEL TRANSLATING FM I2C-BUS REPEATER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com