Electronic Components Datasheet Search
  English  ▼

X  

2563 Datasheet (PDF) - Adafruit Industries

2563 Datasheet PDF - Adafruit Industries
Part # 2563
Download  2563 Download
File Size   137.74 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Sky Blue - .50 Kg

2563 Datasheet (PDF)

Go To PDF Page Download Datasheet
2563 Datasheet PDF - Adafruit Industries

Part # 2563
Download  2563 Click to download

File Size   137.74 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NinjaFlex - 1.75mm Diameter - Sky Blue - .50 Kg

2563 Datasheet (HTML) - Adafruit Industries


2563 Product details

Features:
 Filament shore hardness of approximately 85A
 Consistent diameter and material properties provide reliable, high quality prints
 Patent pending technology allows for smooth feeding
 Low tack, low CoF exterior allows smooth feed through filament guides
 High elasticity and excellent abrasion resistance
 Excellent build platform adhesion and bonding between layers
 REACH and RoHS 2002/95/EC Directive Compliant
 1.75mm filament spool = .50 kg




Similar Part No. - 2563

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2563 SCHURTER-2563 Datasheet
329Kb / 2P
IEC Appliance Inlet C6, insert Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2563 SCHURTER-2563 Datasheet
341Kb / 4P
IEC Appliance Inlet C6, insert Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
logo
B&K Precision Corporati...
2563 BK-2563 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
logo
Schurter Inc.
2563 SCHURTER-2563 Datasheet
316Kb / 4P
IEC Appliance Inlet C6, insert Mounting, Front or Rear Side, Solder, PCB or Quick-connect Terminal
2563 SCHURTER-2563 Datasheet
276Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
05.08.2021
More results


Similar Description - 2563

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSC24L3131A OPTOSUPPLY-OSC24L3131A Datasheet
89Kb / 1P
3mm Round Sky LED
OSC24L5111A OPTOSUPPLY-OSC24L5111A Datasheet
89Kb / 1P
5mm Round Sky LED
OSC24LS1C1A OPTOSUPPLY-OSC24LS1C1A Datasheet
91Kb / 1P
3.5x2.8x1.9mm Sky SMD LED
OSC24LZ281P OPTOSUPPLY-OSC24LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Sky LED
OSC24TS4C1A OPTOSUPPLY-OSC24TS4C1A Datasheet
122Kb / 1P
5x5x1.5mm Sky Top SMD LED
logo
Seoul Semiconductor
MSBT801G-YF SEOUL-MSBT801G-YF Datasheet
907Kb / 26P
White PLCC2 Sky Blue Color
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
logo
Luminus, Inc
SST-10-SB LUMINUS-SST-10-SB Datasheet
1Mb / 12P
Sky Blue LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com