Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC8T245 Datasheet (PDF) - Texas Instruments

SN74LVC8T245 Datasheet PDF - Texas Instruments
Part # SN74LVC8T245
Download  SN74LVC8T245 Download
File Size   951.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs

SN74LVC8T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC8T245 Datasheet PDF - Texas Instruments

Part # SN74LVC8T245
Download  SN74LVC8T245 Click to download

File Size   951.93 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs

SN74LVC8T245 Datasheet (HTML) - Texas Instruments


SN74LVC8T245 Product details

1 Features
• Control inputs VIH/VIL levels are referenced to
VCCA voltage
• VCC isolation feature – if either VCC input is at
GND, all are in the high-impedance state
• Fully configurable dual-rail design allows each port
to operate over the full 1.65-V to 5.5-V powersupply
range
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 4000-V Human-Body Model (A114-A)
– 100-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Personal electronic
• Industrial
• Enterprise
• Telecom

3 Description
The SN74LVC8T245-Q1 is an eight bit non-inverting
bus transceiver with configurable dual power
supply rails that enables bidirectional voltage level
translation. The SN74LVC8T245-Q1 is optimized to
operate with VCCA and VCCB set at 1.65 V to 5.5 V.
The A port is designed to track VCCA. VCCA accepts
any supply voltage from 1.65 V to 5.5 V. The B port
is designed to track VCCB. VCCB accepts any supply
voltage from 1.65 V to 5.5 V. This allows for universal
low-voltage bidirectional translation between any of
the 1.8-V, 2.5-V, 3.3-V, and 5.5-V voltage nodes.
The SN74LVC8T245-Q1 is designed for
asynchronous communication between two data
buses. The logic levels of the direction-control (DIR)
input and the output-enable (OE) input activate either
the B-port outputs or the A-port outputs or place
both output ports into the high-impedance mode. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated, and from the
B bus to the A bus when the A-port outputs are
activated. The input circuitry on both A and B ports
is always active and must have a logic HIGH or LOW
level applied to prevent excess ICC and ICCZ.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down. The VCC
isolation feature ensures that if either VCC input is
at GND, all outputs are in the high-impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through
a pullup resistor; the minimum value of the resistor
is determined by the current-sinking capability of the
driver.
The SN74LVC8T245-Q1 is designed so that the
control pins (DIR and OE) are supplied by VCCA.




Similar Part No. - SN74LVC8T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
236Kb / 16P
8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
739Kb / 20P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
906Kb / 23P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
905Kb / 23P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI1-SN74LVC8T245 Datasheet
1,006Kb / 26P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results


Similar Description - SN74LVC8T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1_V01 Datasheet
432Kb / 31P
SN74AXC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI-SN74AXC8T245-Q1_V02 Datasheet
2Mb / 37P
SN74AXC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com