Electronic Components Datasheet Search
  English  ▼

X  

RS202 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

RS202 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # RS202
Download  RS202 Download
File Size   255.17 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts

RS202 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS202 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # RS202
Download  RS202 Click to download

File Size   255.17 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts

RS202 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


RS202 Product details

Features

• Glass Passivated Die Construction

• High Case Dielectric Strength of 1500VRMS

• Low Reverse Leakage Current

• Surge Overload Rating to 65A Peak

• Ideal for Printed Circuit Board Applications

• Plastic Material - UL Flammability Classification 94V-0



 




Similar Part No. - RS202

ManufacturerPart #DatasheetDescription
logo
Bytes
RS202 BYTES-RS202 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
RS202 DCCOM-RS202 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
RS202 FORMOSA-RS202 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
RS202 GOOD-ARK-RS202 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Leshan Radio Company
RS202 LRC-RS202 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
More results


Similar Description - RS202

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201 DAESAN-FR201 Datasheet
216Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com