Electronic Components Datasheet Search
  English  ▼

X  

SN74CBT3383CPWR.B Datasheet (PDF) - Texas Instruments

SN74CBT3383CPWR.B Datasheet PDF - Texas Instruments
Part # SN74CBT3383CPWR.B
Download  SN74CBT3383CPWR.B Download
File Size   993.56 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CBT3383C 10-Bit FET Bus-Exchange Switch 5-V Bus Switch With −2-V Undershoot Protection

SN74CBT3383CPWR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBT3383CPWR.B Datasheet PDF - Texas Instruments

Part # SN74CBT3383CPWR.B
Download  SN74CBT3383CPWR.B Click to download

File Size   993.56 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CBT3383C 10-Bit FET Bus-Exchange Switch 5-V Bus Switch With −2-V Undershoot Protection

SN74CBT3383CPWR.B Datasheet (HTML) - Texas Instruments


SN74CBT3383CPWR.B Product details

1 Features
• Undershoot protection for off-isolation on A and B
ports up to −2 V
• Bidirectional data flow, with near-zero propagation
delay
• Low on-state resistance (ron) characteristics (ron =
3 Ω typical)
• Low input output capacitance minimizes loading
and signal distortion (Cio (OFF) = 8 pF typical)
• Data and control inputs provide undershoot clamp
diodes
• Low power consumption (ICC = 3 μA maximum)
• VCC operating range from 4 V to 5.5 V data I/Os
support 0 to 5-V signaling levels (0.8-V, 1.2-V, 1.5-
V, 1.8-V, 2.5-V, 3.3-V, and 5-V)
• Control inputs can be driven by TTL or 5-V/3.3-V
CMOS outputs
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD performance tested per JESD 22− 2000-V
Human-Body Model (A114-B, Class II)− 1000-V
Charged-Device Model (C101)
• Supports both digital and analog applications: PCI
interface, memory interleaving, bus isolation, lowdistortion
signal gating

2 Applications
• Enterprise servers
• Ethernet switches
• Routers
• Servers
• Industrial PCs

3 Description
The SN74CBT3383C is a high-speed TTL-compatible
FET bus-exchange switch with low ON-state
resistance (ron), allowing for minimal propagation
delay. Active Undershoot-Protection Circuitry on the
A and B ports of the SN74CBT3383C provides
protection for undershoot up to −2 V by sensing
an undershoot event and ensuring that the switch
remains in the proper OFF state.
The SN74CBT3383C is organized as a 10-bit bus
switch, or as a 5-bit bus-exchange switch with a
single output-enable (BE) input that provides data
exchanging between four signal ports. The select
(BX) input controls the data path of the bus-exchange
switch. When BE is low, the A port is connected to
the B port, allowing bidirectional data flow between
ports. When BE is high, a high-impedance state exists
between the A and B ports.




Similar Part No. - SN74CBT3383CPWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3383CPWR TI-SN74CBT3383CPWR Datasheet
336Kb / 15P
10-BIT FET BUS-EXCHANGE SWITCH 5-VBUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3383CPWRE4 TI-SN74CBT3383CPWRE4 Datasheet
336Kb / 15P
10-BIT FET BUS-EXCHANGE SWITCH 5-VBUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Similar Description - SN74CBT3383CPWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3383C TI-SN74CBT3383C Datasheet
336Kb / 15P
10-BIT FET BUS-EXCHANGE SWITCH 5-VBUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3345C TI-SN74CBT3345C Datasheet
618Kb / 17P
8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_08 Datasheet
369Kb / 13P
20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16212C TI1-SN74CBT16212C Datasheet
535Kb / 15P
24-BIT FET BUS-EXCHANGE SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com