Electronic Components Datasheet Search
  English  ▼

X  

MOC223R2VM Datasheet (PDF) - ON Semiconductor

MOC223R2VM Datasheet PDF - ON Semiconductor
Part # MOC223R2VM
Download  MOC223R2VM Download
File Size   280.5 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-pin SOIC Darlington Output Optocouplers

MOC223R2VM Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC223R2VM Datasheet PDF - ON Semiconductor

Part # MOC223R2VM
Download  MOC223R2VM Click to download

File Size   280.5 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-pin SOIC Darlington Output Optocouplers

MOC223R2VM Datasheet (HTML) - ON Semiconductor


MOC223R2VM Product details

Features
• High Current Transfer Ratio of 500% Minimum at IF = 1 mA
• Minimum BVCEO of 30 V Guaranteed
• Convenient Plastic SOIC-8 Surface Mountable Package Style, with 0.050" Lead Spacing
• Safety and Regulatory Approvals:
– UL1577, 2,500 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 565 V Peak Working Insulation Voltage

Applications
• Low Power Logic Circuits
• Interfacing and Coupling Systems of Different Potentials and Impedances
• Telecommunications Equipment
• Portable Electronics
• Solid State Relays

Description
The MOC223M consists of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon photodarlington detector, in a surface mountable, small outline, plastic package. The MOCD223M is a dualchannel version of the MOC223M. They are ideally suited for high density applications, and eliminates the need for through the board mounting.




Similar Part No. - MOC223R2VM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC223 MOTOROLA-MOC223 Datasheet
109Kb / 4P
SMALL OUTLINE OPTOISOLATORS DARLINGTON OUTPUT
logo
Fairchild Semiconductor
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
361Kb / 7P
SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
Small Outline Optocouplers Darlington Output
More results


Similar Description - MOC223R2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
logo
Agilent(Hewlett-Packard...
4N45 HP-4N45 Datasheet
227Kb / 7P
High Gain Darlington Output Optocouplers
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Fairchild Semiconductor
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
Small Outline Optocouplers Darlington Output
logo
AVAGO TECHNOLOGIES LIMI...
4N46-000E AVAGO-4N46-000E Datasheet
487Kb / 11P
High Gain Darlington Output Optocouplers
logo
Integrated Device Techn...
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
logo
ON Semiconductor
MOCD207M ONSEMI-MOCD207M Datasheet
238Kb / 9P
8-pin SOIC Dual-Channel Phototransistor Output Optocoupler
October, 2018 - Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com