Electronic Components Datasheet Search
  English  ▼

X  

2SD2153 Datasheet (PDF) - Rohm

2SD2153 Datasheet PDF - Rohm
Part # 2SD2153
Download  2SD2153 Download
File Size   1461.77 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High gain amplifier transistor (25V / 2A)

2SD2153 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2153 Datasheet PDF - Rohm

Part # 2SD2153
Download  2SD2153 Click to download

File Size   1461.77 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High gain amplifier transistor (25V / 2A)

2SD2153 Datasheet (HTML) - Rohm


2SD2153 Product details

Features
1)Low saturation voltage. typically VCE(sat)=120mV at IC/IB=1A/20mA
2)High DC current gain

Application
LOW FREQUENCY POWER AMP




Similar Part No. - 2SD2153

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2153 ROHM-2SD2153 Datasheet
72Kb / 3P
High gain amplifier transistor (25V, 2A)
logo
Guangdong Kexin Industr...
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
High Gain Amplifier Transistor
logo
Rohm
2SD2153 ROHM-2SD2153 Datasheet
164Kb / 3P
High gain amplifier transistor (25V, 2A)
logo
SeCoS Halbleitertechnol...
2SD2153 SECOS-2SD2153 Datasheet
341Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SD2153 JIANGSU-2SD2153 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Similar Description - 2SD2153

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SD2153 ROHM-2SD2153 Datasheet
72Kb / 3P
High gain amplifier transistor (25V, 2A)
logo
Guangdong Kexin Industr...
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
High Gain Amplifier Transistor
logo
Rohm
2SC5659 ROHM-2SC5659_09 Datasheet
172Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SD2153 ROHM-2SD2153_09 Datasheet
164Kb / 3P
High gain amplifier transistor (25V, 2A)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
High-gain Amplifier Transistor
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
High-gain Amplifier Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com