Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD233 Datasheet (PDF) - Texas Instruments

SN65HVD233 Datasheet PDF - Texas Instruments
Part # SN65HVD233
Download  SN65HVD233 Download
File Size   954.43 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD23x-Q1 3.3-V Automotive CAN Bus Transceivers

SN65HVD233 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD233 Datasheet PDF - Texas Instruments

Part # SN65HVD233
Download  SN65HVD233 Click to download

File Size   954.43 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD23x-Q1 3.3-V Automotive CAN Bus Transceivers

SN65HVD233 Datasheet (HTML) - Texas Instruments


SN65HVD233 Product details

1 Features
1• Compatible With ISO 11898-2
• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Levels
– Bus Pins: ±12 000 V
– Other Pins: ±3 000 V
– Device CDM ESD Classification Level
±1 000 V
• Single 3.3-V Supply Voltage
• Bit Rates up to 1 Mbps
• Bus Pins Fault Protection up to ±36 V
• –7-V to 12-V Common-Mode Range
• High Input Impedance Allows for 120 Nodes
• LVTTL I/Os are 5-V Tolerant
• GIFT/ICT Compliant
• Adjustable Driver Slew Rates for Improved
Emissions Performance
• Unpowered Node Does Not Disturb the Bus
• Low-Current Standby Mode, 200-μA (Typical)
• Average Power Dissipation: 36.4 mW
• SN65HVD233-Q1: Loopback Mode
• SN65HVD234-Q1: Ultralow-Current Sleep Mode
– 50-nA Typical Current Consumption
• SN65HVD235-Q1: Autobaud Loopback Mode
• Thermal Shutdown Protection
• Power Up and Down With Glitch-Free Bus Inputs
and Outputs
– High Input Impedance With Low VCC
– Monotonic Output During Power Cycling

2 Applications
• In-Vehicle Networking
• Advanced Driver-Assistance Systems (ADAS)
• Body Electronics and Lighting
• Infotainment and Cluster
• Hybrid, Electric, and Powertrain Systems
• Applications in Accordance With CAN Bus
Standards Such as NMEA 2000 and SAE J1939

3 Description
The SN65HVD233-Q1, SN65HVD234-Q1, and
SN65HVD235-Q1 devices are fault-protected 3.3-V
CAN transceivers that are qualified for use in
automotive applications. These transceivers work
from a 3.3-V supply and are ideal for systems that
also leverage a 3.3-V microcontroller, thereby
reducing the need for additional components or a
separate supply to power the controller and the CAN
transceiver. The SN65HVD23x-Q1 transceivers are
compatible with the ISO 11898-2 standard and thus
are interoperable in mixed networks that employ 5-V
CAN and/or 3.3-V CAN transceivers.
Designed for operation in especially harsh
environments, the devices feature crosswire
protection, overvoltage protection on the CANH and
CANL pins up to ±36 V, loss-of-ground protection,
overtemperature (thermal shutdown) protection, and
common-mode transient protection of ±100 V. These
devices operate over a wide –7-V to 12-V commonmode
range. These transceivers are the interface
between the host CAN controller on the
microprocessor and the differential CAN bus used in
transportation and automotive applications.




Similar Part No. - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
More results


Similar Description - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
3.3-V CAN TRANSCEIVERS
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com