Electronic Components Datasheet Search
  English  ▼

X  

1013070 Datasheet (PDF) - PHOENIX CONTACT

1013070 Datasheet PDF - PHOENIX CONTACT
Part # 1013070
Download  1013070 Download
File Size   177.42 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PATG 6/15 - Conductor marker carrier

1013070 Datasheet (PDF)

Go To PDF Page Download Datasheet
1013070 Datasheet PDF - PHOENIX CONTACT

Part # 1013070
Download  1013070 Click to download

File Size   177.42 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PATG 6/15 - Conductor marker carrier

1013070 Datasheet (HTML) - PHOENIX CONTACT


1013070 Product details

Conductor marker carrier, transparent, unmarked, cable diameter range: 14 ... 22 mm, mounting
type: slide-on, text field height: 4 mm, text field width: 15 mm




Similar Part No. - 1013070

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1013070 PHOENIX-1013070 Datasheet
6Mb / 76P
THERMOMARK LINE
logo
Weidmuller
1013070000 WEIDMULLER-1013070000 Datasheet
1Mb / 5P
OMNIMATE Signal - series BL/SL 5.08 BLF 5.08HC/02/180F SN OR BX
July 2, 2018 10:35:22 AM
1013070000 WEIDMULLER-1013070000 Datasheet
74Kb / 4P
BLF 5.08/13/180F SN BK BX
1013070000 WEIDMULLER-1013070000 Datasheet
74Kb / 4P
BLF 5.08/19/180F SN BK BX
More results


Similar Description - 1013070

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828693 PHOENIX-0828693 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMD 300
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
0822495 PHOENIX-0822495 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 1/30
09/11/2020
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
1013106 PHOENIX-1013106 Datasheet
53Kb / 3P
Conductor marker carrier - PATG 9/15
09/11/2020
1013148 PHOENIX-1013148 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 4/15
09/11/2020
1013889 PHOENIX-1013889 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 2/10
09/11/2020
1013892 PHOENIX-1013892 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 1/23
09/11/2020
1014049 PHOENIX-1014049 Datasheet
54Kb / 3P
Conductor marker carrier - PATG HF 1/30
09/11/2020
0830425 PHOENIX-0830425 Datasheet
57Kb / 3P
Cable marker carrier - WM-CARRIER/B (85X15)LPR
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com