Electronic Components Datasheet Search
  English  ▼

X  

0830816 Datasheet (PDF) - PHOENIX CONTACT

0830816 Datasheet PDF - PHOENIX CONTACT
Part # 0830816
Download  0830816 Download
File Size   185.95 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML HF 7,5(25X13)R - Wire-wrap label

0830816 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830816 Datasheet PDF - PHOENIX CONTACT

Part # 0830816
Download  0830816 Click to download

File Size   185.95 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML HF 7,5(25X13)R - Wire-wrap label

0830816 Datasheet (HTML) - PHOENIX CONTACT


0830816 Product details

Wire-wrap label, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, cable diameter range: 4 ... 7.6 mm, mounting
type: adhesive, cable diameter: ≤ 7.6 mm, Number of individual labels: 2100, text field height: 12.
7 mm, text field width: 25.4 mm




Similar Part No. - 0830816

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830811 PHOENIX-0830811 Datasheet
226Kb / 5P
TMT2 (EX11)R CUS - Marker for terminal blocks
0830812 PHOENIX-0830812 Datasheet
186Kb / 6P
WML HF 3(13X10)R - Wire-wrap label
0830813 PHOENIX-0830813 Datasheet
188Kb / 6P
WML HF 3(13X10)R YE - Wire-wrap label
0830814 PHOENIX-0830814 Datasheet
54Kb / 2P
The cable marker labels consist of a self-adhesive marking field and a transparent protective foil
0830815 PHOENIX-0830815 Datasheet
188Kb / 6P
WML HF 5(25X10)R YE - Wire-wrap label
More results


Similar Description - 0830816

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
WIRE WRAP PIN
2.27.06
logo
PHOENIX CONTACT
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
0830713 PHOENIX-0830713 Datasheet
53Kb / 3P
Cable marking flags - WML-FLAGV 6 (20X10)R
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com