Electronic Components Datasheet Search
  English  ▼

X  

OPA693 Datasheet (PDF) - Texas Instruments

OPA693 Datasheet PDF - Texas Instruments
Part # OPA693
Download  OPA693 Download
File Size   791.03 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 2:1 High-Speed Video Multiplexer

OPA693 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA693 Datasheet PDF - Texas Instruments

Part # OPA693
Download  OPA693 Click to download

File Size   791.03 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single 2:1 High-Speed Video Multiplexer

OPA693 Datasheet (HTML) - Texas Instruments


OPA693 Product details

1FEATURES
2· 700MHz SMALL-SIGNAL BANDWIDTH
(AV = +2)
· 425MHz, 4VPP BANDWIDTH
· 0.1dB GAIN FLATNESS to 200MHz
· 4ns CHANNEL SWITCHING TIME
· LOW SWITCHING GLITCH: 40mVPP
· 3100V/ms SLEW RATE
· 0.025%/0.025° DIFFERENTIAL GAIN, PHASE
· HIGH GAIN ACCURACY: 2.0V/V ±0.4%

APPLICATIONS
· RGB SWITCHING
· LCD PROJECTOR INPUT SELECT
· WORKSTATION GRAPHICS
· ADC INPUT MUX
· DROP-IN UPGRADE TO LT1675-1

DESCRIPTION
The OPA875 offers a very wideband, single-channel
2:1 multiplexer in an SO-8 or a small MSOP-8
package. Using only 11mA, the OPA875 provides a
gain of +2 video amplifier channel with greater than 425MHz large-signal bandwidth (4VPP). Gain
accuracy and switching glitch are improved over
earlier solutions using a new input stage switching
approach. This technique uses current steering as the input switch while maintaining an overall closed-loop
design. With greater than 700MHz small-signal
bandwidth at a gain of 2, the OPA875 gives a typical
0.1dB gain flatness to greater than 200MHz.
System power may be reduced using the chip enable
feature for the OPA875. Taking the chip enable line
high powers down the OPA875 to less than 300mA
total supply current. Muxing multiple OPA875 outputs
together, then using the chip enable to select which channels are active, increases the number of possible
inputs.
Where three channels are required, consider using
the OPA3875 for the same level of performance.




Similar Part No. - OPA693

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Similar Description - OPA693

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
4:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
LMH6572 Triple 2:1 High Speed Video Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com