Electronic Components Datasheet Search
  English  ▼

X  

OPA846 Datasheet (PDF) - Texas Instruments

OPA846 Datasheet PDF - Texas Instruments
Part # OPA846
Download  OPA846 Download
File Size   875.75 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown

OPA846 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA846 Datasheet PDF - Texas Instruments

Part # OPA846
Download  OPA846 Click to download

File Size   875.75 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown

OPA846 Datasheet (HTML) - Texas Instruments


OPA846 Product details

FEATURES
HIGH GAIN BANDWIDTH: 3.9GHz
LOW INPUT VOLTAGE NOISE: 0.85nV/√Hz
VERY LOW DISTORTION: –105dBc (5MHz)
HIGH SLEW RATE: 950V/μs
HIGH DC ACCURACY: VIO < ±100μV
LOW SUPPLY CURRENT: 18.1mA
LOW SHUTDOWN POWER: 2mW
STABLE FOR GAINS ≥ 12

APPLICATIONS
HIGH DYNAMIC RANGE ADC PREAMPS
LOW NOISE, WIDEBAND, TRANSIMPEDANCE
AMPLIFIERS
WIDEBAND, HIGH GAIN AMPLIFIERS
LOW NOISE DIFFERENTIAL RECEIVERS
ULTRASOUND CHANNEL AMPLIFIERS
IMPROVED UPGRADE FOR THE OPA687,
CLC425, AND LMH6624

DESCRIPTION
The OPA847 combines very high gain bandwidth and large
signal performance with an ultra-low input noise voltage
(0.85nV/√Hz) while using only 18mA supply current. Where
power saving is critical, the OPA847 also includes an optional
power shutdown pin that, when pulled low, disables the
amplifier and decreases the supply current to < 1% of the
powered-up value. This optional feature may be left disconnected
to ensure normal amplifier operation when no powerdown
is required.
The combination of very low input voltage and current noise,
along with a 3.9GHz gain bandwidth product, make the
OPA847 an ideal amplifier for wideband transimpedance
applications. As a voltage gain stage, the OPA847 is optimized
for a flat frequency response at a gain of +20V/V and
is stable down to gains as low as +12V/V. New external
compensation techniques allow the OPA847 to be used at
any inverting gain with excellent frequency response control.
Using this technique in a differential Analog-to-Digital Converter
(ADC) interface application, shown below, can deliver
one of the highest dynamic-range interfaces available.




Similar Part No. - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
936Kb / 33P
Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI1-OPA846 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA846 TI1-OPA846 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI2-OPA846 Datasheet
590Kb / 32P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
REVISED AUGUST 2008
More results


Similar Description - OPA846

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA687 BURR-BROWN-OPA687 Datasheet
172Kb / 16P
Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com