Electronic Components Datasheet Search
  English  ▼

X  

OPA842 Datasheet (PDF) - Texas Instruments

OPA842 Datasheet PDF - Texas Instruments
Part # OPA842
Download  OPA842 Download
File Size   856.25 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER

OPA842 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA842 Datasheet PDF - Texas Instruments

Part # OPA842
Download  OPA842 Click to download

File Size   856.25 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER

OPA842 Datasheet (HTML) - Texas Instruments


OPA842 Product details

FEATURES
HIGH BANDWIDTH: 400MHz (G = +10)
LOW INPUT VOLTAGE NOISE: 1.2nV/√Hz
VERY LOW DISTORTION: –100dBc (5MHz)
HIGH SLEW RATE: 625V/μs
HIGH DC ACCURACY: VIO ±150μV
LOW SUPPLY CURRENT: 12.6mA
HIGH GAIN BANDWIDTH PRODUCT: 1750MHz
STABLE FOR GAINS ≥ 7

APPLICATIONS
HIGH DYNAMIC RANGE ADC PREAMPS
LOW-NOISE, WIDEBAND, TRANSIMPEDANCE
AMPLIFIERS
WIDEBAND, HIGH GAIN AMPLIFIERS
LOW-NOISE DIFFERENTIAL RECEIVERS
VDSL LINE RECEIVERS
ULTRASOUND CHANNEL AMPLIFIERS
SECURITY SENSOR FRONT ENDS
UPGRADE FOR THE OPA686, CLC425, AND
LMH6624

DESCRIPTION
The OPA846 combines very high gain bandwidth and large
signal performance with very low input voltage noise, while
dissipating a low 12.6mA supply current. The classical differential
input stage, along with two stages of forward gain and
a high power output stage, combine to make the OPA846 an
exceptionally low distortion amplifier with excellent DC accuracy
and output drive. The voltage-feedback architecture
allows all standard op amp applications to be implemented
with very high performance.
The combination of low input voltage and current noise,
along with a 1.75GHz gain bandwidth product, make the
OPA846 an ideal amplifier for wideband transimpedance
stages. As a voltage gain stage, the OPA846 is optimized for
a flat response at a gain of +10 and is stable down to a gain
of +7.
A new external compensation technique can be used to give
a very flat frequency response below the minimum stable
gain for the OPA846, further improving its already exceptional
distortion performance. Using this compensation makes
the OPA846 one of the premier 12- to 16-bit Analog-to-Digital
(A/D) converter input drivers. The supply current for the
OPA846 is precisely trimmed to 12.6mA at +25°C. This,
along with carefully defined supply current tempco in the
input and output stages, combine to provide exceptional
performance over the full specified temperature range.




Similar Part No. - OPA842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842 TI-OPA842 Datasheet
438Kb / 19P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842 TI1-OPA842 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI2-OPA842 Datasheet
590Kb / 32P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
REVISED AUGUST 2008
OPA842 TI2-OPA842 Datasheet
808Kb / 32P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
REVISED SEPTEMBER 2010
More results


Similar Description - OPA842

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com