Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet (PDF) - Texas Instruments

OPA692 Datasheet PDF - Texas Instruments
Part # OPA692
Download  OPA692 Download
File Size   932.25 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable

OPA692 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA692 Datasheet PDF - Texas Instruments

Part # OPA692
Download  OPA692 Click to download

File Size   932.25 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable

OPA692 Datasheet (HTML) - Texas Instruments


OPA692 Product details

FEATURES
VERY HIGH BANDWIDTH (G = +2): 700MHz
FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supplies
INTERNALLY FIXED GAIN: +2 or ±1
LOW SUPPLY CURRENT: 13mA
LOW DISABLED CURRENT: 120μA
HIGH OUTPUT CURRENT: ±120mA
OUTPUT VOLTAGE SWING: ±4.1V
SOT23-6 AVAILABLE

APPLICATIONS
BROADBAND VIDEO LINE DRIVERS
MULTIPLE LINE VIDEO DA
PORTABLE INSTRUMENTS
ADC BUFFERS
HIGH FREQUENCY ACTIVE FILTERS
HFA1112 IMPROVED DROP-IN

DESCRIPTION
The OPA693 provides an easy to use, broadband, fixed gain
buffer amplifier. Depending on the external connections, the
internal resistor network may be used to provide either a
fixed gain of +2 video buffer or a gain of ±1 voltage buffer.
Operating on a low 13mA supply current, the OPA693 offers
a slew rate (2500V/μs) and bandwidth (> 700MHz) normally
associated with a much higher supply current. A new output
stage architecture delivers high output current with a minimal
headroom and crossover distortion. This gives exceptional
single-supply operation. Using a single +5V supply, the
OPA693 can deliver a 2.5VPP swing with over 90mA drive
current and 500MHz bandwidth at a gain of +2. This combination
of features makes the OPA693 an ideal RGB line
driver or single-supply undersampling Analog-to-Digital Converter
(ADC) input driver.
The OPA693’s low 13mA supply current is precisely trimmed
at 25°C. This trim, along with low drift over temperature,
ensures lower maximum supply current than competing
products that report only a room temperature nominal supply
current. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or
holding it HIGH, gives normal operation. This optional disable
allows the OPA693 to fit into existing video buffer
layouts where the disable pin is unconnected to get improved
performance with no board changes. If pulled LOW, the
OPA693 supply current drops to less than 170μA while the
output goes into a high impedance state. This feature may be
used for power savings.
The low gain stable current-feedback architecture used in the
OPA693 is particularly suitable for high full-power bandwidth
cable driving requirements. Where the additional flexibility of
an op amp is required, consider the OPA695 ultra-wideband
current feedback op amp. Where a unity gain stable voltage
feedback op amp with very high slew rate is required,
consider the OPA690.




Similar Part No. - OPA692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI-OPA692 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA692 TI-OPA692 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Similar Description - OPA692

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com