Electronic Components Datasheet Search
  English  ▼

X  

OPA695 Datasheet (PDF) - Texas Instruments

OPA695 Datasheet PDF - Texas Instruments
Part # OPA695
Download  OPA695 Download
File Size   982.17 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable

OPA695 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA695 Datasheet PDF - Texas Instruments

Part # OPA695
Download  OPA695 Click to download

File Size   982.17 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable

OPA695 Datasheet (HTML) - Texas Instruments


OPA695 Product details

1FEATURES
2· 650MHz BANDWIDTH (G = +2)
· FIXED GAIN OF ±1 or +2
· OUTPUT VOLTAGE SWING: ±4.1V
· ULTRA-HIGH SLEW RATE: 2500V/ms
· 3RD-ORDER INTERCEPT: > 40dBm
(f < 50MHz)
· LOW POWER: 130mW/channel
· LOW DISABLED POWER: 0.4mW/channel

APPLICATIONS
· MULTIPLE LINE VIDEO DISTRIBUTION
AMPLIFIER (DA)
· PORTABLE INSTRUMENTS
· BROADBAND VIDEO LINE DRIVERS
· ADC BUFFERS
· HIGH-FREQUENCY ACTIVE FILTERS

DESCRIPTION
The OPA3693 provides an easy to use, broadband,
triple, fixed-gain buffer amplifier. Depending on the
external connections, the internal resistor network may be used to provide either a fixed gain of +2
video buffer or a gain of +1 or –1 voltage buffer. The
OPA3693 offers a slew rate (2500V/ms) and
bandwidth (> 800MHz) normally associated with a
much higher supply current. A new output stage architecture delivers high output current with a
minimal headroom and crossover distortion. This
combination of features makes the OPA3693 an ideal
RGB line driver or single-supply undersampling
analog-to-digital converter (ADC) input driver.
The OPA3693 13mA/channel supply current is
precisely trimmed at +25°C. This trim, along with a
low temperature drift, gives lower system power over
temperature. System power can be further reduced
using the optional disable control pin. Leaving this pin open, or holding it HIGH, gives normal operation. If
pulled LOW, the OPA3693 supply current drops to
less than 130mA/channel. This power-saving feature,
along with exceptional single +5V operation, make
the OPA3693 ideal for portable applications. The
OPA3693 is available in an SSOP-16 package.




Similar Part No. - OPA695

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI-OPA695 Datasheet
570Kb / 32P
Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA695 BURR-BROWN-OPA695 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA695 BURR-BROWN-OPA695 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA695 BURR-BROWN-OPA695 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA695 TI1-OPA695 Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Similar Description - OPA695

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com