Electronic Components Datasheet Search
  English  ▼

X  

OPA3690ID Datasheet (PDF) - Texas Instruments

OPA3690ID Datasheet PDF - Texas Instruments
Part # OPA3690ID
Download  OPA3690ID Download
File Size   913.38 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable

OPA3690ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA3690ID Datasheet PDF - Texas Instruments

Part # OPA3690ID
Download  OPA3690ID Click to download

File Size   913.38 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable

OPA3690ID Datasheet (HTML) - Texas Instruments


OPA3690ID Product details

1FEATURES
2• FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supply
• WIDEBAND +5V OPERATION: 220MHz (G = 2)
• HIGH OUTPUT CURRENT: 190mA
• OUTPUT VOLTAGE SWING: ±4.0V
• HIGH SLEW RATE: 1800V/ms
• LOW SUPPLY CURRENT: 5.5mA/ch
• LOW DISABLE CURRENT: 100mA/ch

APPLICATIONS
• VIDEO LINE DRIVING
• HIGH-SPEED IMAGING CHANNELS
• ADC BUFFERS
• PORTABLE INSTRUMENTS
• TRANSIMPEDANCE AMPLIFIERS
• ACTIVE FILTERS

DESCRIPTION
The OPA3690 represents a major step forward in
unity-gain stable, voltage-feedback op amps. A new
internal architecture provides slew rate and full-power
bandwidth previously found only in wideband,
current-feedback op amps. A new output stage
architecture delivers high currents with a minimal
headroom requirement. These give exceptional
single-supply operation. Using a single +5V supply,
the OPA3690 can deliver a 1V to 4V output swing with over 120mA drive current and 150MHz
bandwidth. This combination of features makes the
OPA3690 an ideal RGB line driver or single-supply
Analog-to-Digital Converter (ADC) input driver.
The low 5.5mA/ch supply current of the OPA3690 is
precisely trimmed at +25°C. This trim, along with low
temperature drift, provides lower maximum supply
current than competing products. System power may
be reduced further using the optional disable control pin. Leaving this disable pin open, or holding it HIGH,
will operate the OPA3690 normally. If pulled LOW,
the OPA3690 supply current drops to less than
200mA/ch while the output goes to a high-impedance
state. This feature may be used for power savings.




Similar Part No. - OPA3690ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3690ID TI1-OPA3690ID Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690IDBQR TI1-OPA3690IDBQR Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690IDBQT TI1-OPA3690IDBQT Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690IDG4 TI1-OPA3690IDG4 Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Similar Description - OPA3690ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com