Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet (PDF) - Texas Instruments

OPA684 Datasheet PDF - Texas Instruments
Part # OPA684
Download  OPA684 Download
File Size   846.55 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER

OPA684 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA684 Datasheet PDF - Texas Instruments

Part # OPA684
Download  OPA684 Click to download

File Size   846.55 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER

OPA684 Datasheet (HTML) - Texas Instruments


OPA684 Product details

FEATURES
MINIMAL BANDWIDTH CHANGE VERSUS GAIN
170MHz BANDWIDTH AT G = +2
> 120MHz BANDWIDTH TO GAIN > +10
LOW DISTORTION: < –82dBc at 5MHz
HIGH OUTPUT CURRENT: 120mA
SINGLE +5V TO +12V SUPPLY OPERATION
DUAL ±2.5 TO ±6.0V SUPPLY OPERATION
LOW SUPPLY CURRENT: 3.4mA Total

APPLICATIONS
SHORT-LOOP ADSL CO DRIVER
LOW-POWER BROADCAST VIDEO DRIVERS
DIFFERENTIAL EQUALIZING FILTERS
DIFFERENTIAL SAW FILTER POST AMPLIFIER
MULTICHANNEL SUMMING AMPLIFIERS
PROFESSIONAL CAMERAS
ADC INPUT DRIVERS

DESCRIPTION
The OPA2684 provides a new level of performance in lowpower,
wideband, current-feedback (CFB) amplifiers. This
CFBPLUS amplifier is among the first to use an internally
closed-loop input buffer stage that enhances performance
significantly over earlier low-power CFB amplifiers. While
retaining the benefits of very low power operation, this new
architecture provides many of the benefits of a more ideal
CFB amplifier. The closed-loop input stage buffer gives a
very low and linearized impedance path at the inverting input
to sense the feedback error current. This improved inverting
input impedance retains exceptional bandwidth to much
higher gains and improves harmonic distortion over earlier
solutions limited by inverting input linearity. Beyond simple
high-gain applications, the OPA2684 CFBPLUS amplifier permits
the gain setting element to be set with considerable
freedom from amplifier bandwidth interaction. This allows
frequency response peaking elements to be added, multiple
input inverting summing circuits to have greater bandwidth,
and low-power line drivers to meet the demanding requirements
of studio cameras and broadcast video.
The output capability of the OPA2684 also sets a new mark
in performance for low-power, current-feedback amplifiers.
Delivering a full ±4Vp-p swing on ±5V supplies, the OPA2684
also has the output current to support > ±3Vp-p into 50Ω
loads. This minimal output headroom requirement is complemented
by a similar 1.2V input stage headroom giving
exceptional capability for single +5V operation.
The OPA2684’s low 3.4mA supply current is precisely trimmed
at +25°C. This trim, along with low shift over temperature and
supply voltage, gives a very robust design over a wide range
of operating conditions.




Similar Part No. - OPA684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA684 BURR-BROWN-OPA684 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA684 BURR-BROWN-OPA684 Datasheet
455Kb / 26P
Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA684 BURR-BROWN-OPA684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI1-OPA684 Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Similar Description - OPA684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
Low Power, Current Feedback Quad Operational Amplifier
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
Low Power,Current Feedback Dual Operational Amplifier
logo
Texas Instruments
OPA2683 TI-OPA2683 Datasheet
907Kb / 33P
Very Low-Power, Dual, Current-Feedback Operational Amplifier
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com