Electronic Components Datasheet Search
  English  ▼

X  

0830679 Datasheet (PDF) - PHOENIX CONTACT

0830679 Datasheet PDF - PHOENIX CONTACT
Part # 0830679
Download  0830679 Download
File Size   194.55 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML 14 (38X19)RL - Wire-wrap label

0830679 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830679 Datasheet PDF - PHOENIX CONTACT

Part # 0830679
Download  0830679 Click to download

File Size   194.55 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WML 14 (38X19)RL - Wire-wrap label

0830679 Datasheet (HTML) - PHOENIX CONTACT


0830679 Product details

Wire-wrap label, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, cable diameter range: 6.1 ... 14.2 mm, mounting
type: adhesive, cable diameter: ≤ 14.2 mm, Number of individual labels: 3000, text field height:
19.1 mm, text field width: 38.1 mm




Similar Part No. - 0830679

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830670 PHOENIX-0830670 Datasheet
44Kb / 2P
Marker carriers - CARRIER-TMH 300
0830671 PHOENIX-0830671 Datasheet
186Kb / 6P
EMT (EX15)R - Insert label
0830673 PHOENIX-0830673 Datasheet
196Kb / 7P
WML 5 (25X10)R YE - Wire-wrap label
0830674 PHOENIX-0830674 Datasheet
197Kb / 7P
WML 6 (13X13)R YE - Wire-wrap label
0830675 PHOENIX-0830675 Datasheet
195Kb / 7P
WML 14 (38X19)R YE - Wire-wrap label
More results


Similar Description - 0830679

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR-14-HGW-T ASSMANN-AR-14-HGW-T Datasheet
295Kb / 1P
IDC-Socket, 14 Pin, Wire Wrap
logo
PHOENIX CONTACT
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0816168 PHOENIX-0816168 Datasheet
48Kb / 3P
Label - EML (30X20)RL YE
0830652 PHOENIX-0830652 Datasheet
50Kb / 3P
High-temperature label - EML-HT (15X6)RL-T
0830658 PHOENIX-0830658 Datasheet
50Kb / 3P
High-temperature label - EML-HT (32X10)RL-T
0830660 PHOENIX-0830660 Datasheet
50Kb / 3P
High-temperature label - EML-HT (40X15)RL-T
0830661 PHOENIX-0830661 Datasheet
50Kb / 3P
High-temperature label - EML-HT (45X5)RL-T
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
WIRE WRAP PIN
2.27.06
logo
PHOENIX CONTACT
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com