Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet (PDF) - Texas Instruments

OPA355 Datasheet PDF - Texas Instruments
Part # OPA355
Download  OPA355 Download
File Size   981.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70

OPA355 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA355 Datasheet PDF - Texas Instruments

Part # OPA355
Download  OPA355 Click to download

File Size   981.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70

OPA355 Datasheet (HTML) - Texas Instruments


OPA355 Product details

FEATURES
EXCELLENT VIDEO PERFORMANCE
INTERNAL GAIN: 5.2V/V
SUPPORTS TV-DETECTION
COMPATIBLE WITH OMAP242x and
DAVINCI PROCESSORS
2-POLE RECONSTRUCTION FILTER
INPUT RANGE INCLUDES GROUND
− DC-Coupled Input
INTEGRATED LEVEL SHIFTER
− DC-Coupled Output(1)
− No Output Capacitors Needed
RAIL-TO-RAIL OUTPUT
LOW QUIESCENT CURRENT: 5.3mA
SHUTDOWN CURRENT: 1.5A
SINGLE-SUPPLY: 2.5V to 3.3V
SC70-6 PACKAGE: 2.0mm x 2.1mm
RoHS COMPLIANT

APPLICATIONS
CAMERA PHONES

DESCRIPTION
The OPA361 high-speed amplifier is optimized for 3V
portable video applications. It is specifically designed to be
compatible with the video encoders embedded in Texas
Instruments’ OMAP2420 and DaVinci processors or other
application processors with 0.5VPP video output. The input
common-mode range includes GND, which allows a
video-DAC (digital-to-analog converter) to be DC-coupled
to the OPA361. The TV-detection feature simplifies the
end-user interface significantly by facilitating the
automatic start/stop of video transmission.
The output swings within 5mV of GND and 250mV to V+
with a standard back-terminated video load (150Ω). An
internal level shift circuit prevents the output from
saturating with 0V input, thus preventing sync-pulse
clipping in common video circuits. Therefore, the OPA361
is ideally suited for DC-coupling to the video load.
The OPA361 has been optimized for space-sensitive
applications by integrating internal gain setting resistors
G = 5.2V/V) and a 2-pole video-DAC reconstruction filter.
In shutdown mode, the quiescent current is reduced to
< 1.5μA, dramatically reducing power consumption and
prolonging battery life.
The OPA361 is available in the tiny 2mm x 2.1mm SC70-6
package.




Similar Part No. - OPA355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA355 BURR-BROWN-OPA355 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
538Kb / 18P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
1Mb / 26P
200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Similar Description - OPA355

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
Texas Instruments
OPA362 TI-OPA362 Datasheet
708Kb / 18P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com