Electronic Components Datasheet Search
  English  ▼

X  

LMV761MF Datasheet (PDF) - Texas Instruments

LMV761MF Datasheet PDF - Texas Instruments
Part # LMV761MF
Download  LMV761MF Download
File Size   993.2 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output

LMV761MF Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV761MF Datasheet PDF - Texas Instruments

Part # LMV761MF
Download  LMV761MF Click to download

File Size   993.2 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output

LMV761MF Datasheet (HTML) - Texas Instruments


LMV761MF Product details

1 Features
1• VS = 5 V, TA = 25°C, Typical Values Unless
Specified
• Input Offset Voltage 0.2 mV
• Input Offset Voltage (Maximum Over Temp) 1 mV
• Input Bias Current 0.2 pA
• Propagation Delay (OD = 50 mV) 120 ns
• Low Supply Current 300 μA
• CMRR 100 dB
• PSRR 110 dB
• Extended Temperature Range −40°C to +125°C
• Push-Pull Output
• Ideal for 2.7-V and 5-V Single-Supply Applications
• Available in Space-Saving Packages:
– 6-Pin SOT-23 (Single With Shutdown)
– 8-Pin SOIC (Single With Shutdown)
– 8-Pin SOIC and VSSOP (Dual Without
Shutdown)
• LMV762Q-Q1 is Qualified for Automotive
Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level 1C
– Device CDM ESD Classification Level M2

2 Applications
• Portable and Battery-Powered Systems
• Scanners
• Set-Top Boxes
• High-Speed Differential Line Receiver
• Window Comparators
• Zero-Crossing Detectors
• High-Speed Sampling Circuits
• Automotive

3 Description
The LMV76x devices are precision comparators
intended for applications requiring low noise and low input offset voltage. The LMV761 single has a
shutdown pin that can be used to disable the device
and reduce the supply current. The LMV761 is
available in a space-saving 6-pin SOT-23 or 8-Pin SOIC package. The LMV762 dual is available in 8-pin
SOIC or VSSOP package. The LMV762Q-Q1 is
available VSSOP and SOIC packages.
These devices feature a CMOS input and push-pull
output stage. The push-pull output stage eliminates
the need for an external pullup resistor.
The LMV76x are designed to meet the demands of
small size, low power and high performance required
by portable and battery-operated electronics.
The input offset voltage has a typical value of 200 μV
at room temperature and a 1-mV limit over
temperature.




Similar Part No. - LMV761MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV761MF NSC-LMV761MF Datasheet
346Kb / 10P
Low Voltage, Precision Comparator with Push-Pull Output
LMV761MF NSC-LMV761MF Datasheet
350Kb / 12P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761MF TI1-LMV761MF Datasheet
1Mb / 20P
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
LMV761MF TI1-LMV761MF Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
LMV761MF/NOPB TI1-LMV761MF/NOPB Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
More results


Similar Description - LMV761MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Advanced Linear Devices
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
Texas Instruments
LMV761 TI1-LMV761_14 Datasheet
1Mb / 20P
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com