Electronic Components Datasheet Search
  English  ▼

X  

LMH0344 Datasheet (PDF) - Texas Instruments

LMH0344 Datasheet PDF - Texas Instruments
Part # LMH0344
Download  LMH0344 Download
File Size   794.65 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0344 3-Gbps HD - SD SDI Adaptive Cable Equalizer

LMH0344 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0344 Datasheet PDF - Texas Instruments

Part # LMH0344
Download  LMH0344 Click to download

File Size   794.65 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0344 3-Gbps HD - SD SDI Adaptive Cable Equalizer

LMH0344 Datasheet (HTML) - Texas Instruments


LMH0344 Product details

1 Features
1• Compliant With ST 424, ST 292, ST 344, and ST
259(1)
• Supports DVB-ASI at 270 Mbps
• Wide Range of Data Rates: 125 Mbps to 2.97
Gbps
• Equalizes up to 120 Meters of Belden 1694A at
2.97 Gbps, up to 140 Meters of Belden 1694A at
1.485 Gbps, or up to 400 Meters of Belden 1694A
at 270 Mbps
• Equalizes up to 120m of Belden 1694A at 2.97
Gbps With 0.3 UI Maximum Output Jitter
• Manual Bypass and Output Mute With a
Programmable Threshold
• Single-Ended or Differential Input
• 50-Ω Differential Outputs (Internal 50-Ω Pullups)
• Single 3.3-V Supply Operation
• 280-mW Typical Power Consumption
• 16-Pin WQFN or 25-Ball CS-BGA Package
• Industrial Temperature Range: −40°C to +85°C
• HBM ESD Rating: 8 kV
• WQFN Version Footprint Compatible With the
LMH0044, LMH0384, and LMH0074
• Replaces the Semtech GS2974A or GS2974B

2 Applications
• ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces(1)
• Serial Digital Data Equalization and Reception
• Data Recovery Equalization

3 Description
The LMH0344 3-Gbps HD – SD SDI Adaptive Cable
Equalizer is designed to equalize data transmitted
over cable (or any media with similar dispersive loss
characteristics). The equalizer operates over a wide range of data rates from 125 Mbps to 2.97 Gbps and
supports ST 424, ST 292, ST 344, and ST 259.
The LMH0344 device implements DC restoration to
correctly handle pathological data conditions. The
equalizer may be driven in either a single-ended or
differential configuration.
Additional features include separate carrier detect
and output mute pins which may be tied together to
mute the output when no signal is present. A programmable mute reference is provided to mute the
output at a selectable level of signal degradation.
For applications using the 4:4:4:4 10 bits video
format, the LMH0394 cable equalizer will provide
better performance.
The device is available in two space–saving
packages: a 4-mm × 4-mm 16-pin WQFN and even
more space-efficient 3-mm × 3-mm 25-ball CS-BGA
package.




Similar Part No. - LMH0344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Similar Description - LMH0344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com