Electronic Components Datasheet Search
  English  ▼

X  

LM95245 Datasheet (PDF) - Texas Instruments

LM95245 Datasheet PDF - Texas Instruments
Part # LM95245
Download  LM95245 Download
File Size   848.7 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Remote Diode Digital Temperature Sensor with TruTherm® BJT Beta Compensation Technology for 45nm Process

LM95245 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95245 Datasheet PDF - Texas Instruments

Part # LM95245
Download  LM95245 Click to download

File Size   848.7 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Remote Diode Digital Temperature Sensor with TruTherm® BJT Beta Compensation Technology for 45nm Process

LM95245 Datasheet (HTML) - Texas Instruments


LM95245 Product details

1FEATURES
2• Remote and Local Temperature Channels
• Targeted for Intel 45nm Processor Diodes
• Two Formats: −128°C to +127.875°C and 0°C to
255.875°C
• Digital Filter for Remote Channel
• Programmable TCRIT and OS Thresholds
• Programmable Shared Hysteresis Register
• Diode Fault Detection
• Mask, Offset, and Status Registers
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• Programmable Conversion Rate for Best
Power Consumption
• Three-Level Address Pin
• Standby Mode One-Shot Conversion Control
• Pin-for-Pin Compatible With the LM95235 and
LM86, LM89, LM99
• 8-Pin VSSOP and SOIC Packages

APPLICATIONS
• Processor/Computer System Thermal
Management (For Example, Laptops,
Desktops, Workstations, Servers)
• Electronic Test Equipment
• Office Electronics

KEY SPECIFICATIONS
• Supply Voltage 3.0 to 3.6 V
• Supply Current, Conv. Rate = 1 Hz 350 μA (typ)
• Remote Diode Temperature Accuracy
– TA = 25°C to 85°C; TD = 50°C to 105°C, ±0.75
°C (max)
– TA = 25°C to 85°C; TD = 40°C to 125°C, ±1.5
°C (max)
• Local Temperature Accuracy
– TA = 25°C to 100°C, ±2.0 °C (max)
• Conversion Rate, Both Channels 16 to 0.4 Hz

DESCRIPTION
The LM95245 is an 11-bit digital temperature sensor
with a 2-wire System Management Bus (SMBus)
interface and TruTherm technology that can monitor
the temperature of a remote diode as well as its own
temperature. The LM95245 can be used to very
accurately monitor the temperature of external
devices such as microprocessors. TruTherm
technology allows the LM95245 to precisely monitor
thermal diodes found in 90 nm and smaller geometry
processes. The LM95245 is specifically targeted for
Intel processors on 45nm process. LM95245 reports temperature in two different formats for +127.875°C/-
128°C range and 0°C/255°C range. The LM95245
T_CRIT and OS outputs are asserted when either
unmasked channel exceeds its programmed limit and
can be used to shutdown the system, to turn on the
system fans, or as a microcontroller interrupt function.
The current status of the T_CRIT and OS pins can be
read back from the status registers via the SMBus
interface. All limits have a shared programmable
hysteresis register.
The remote temperature channel of the LM95245 has
a programmable digital filter. The LM95245 is
targeted for a typical Intel® processor on a 45 nm, 65
nm or 90nm process, and has an offset register for
maximum flexibility and best accuracy.
The LM95245 has a three-level address pin to
connect up to 3 devices to the same SMBus master,
that is shared with the OS output. The LM95245 has
a programmable conversion rate register and a
standby mode to save power. One conversion can be
triggered in standby mode by writing to the one-shot
register.




Similar Part No. - LM95245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95245 NSC-LM95245 Datasheet
521Kb / 24P
Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245 NSC-LM95245 Datasheet
574Kb / 26P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM95245CIM NSC-LM95245CIM Datasheet
574Kb / 26P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIM/NOPB TI1-LM95245CIM/NOPB Datasheet
1Mb / 36P
Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95245CIMM NSC-LM95245CIMM Datasheet
521Kb / 24P
Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
More results


Similar Description - LM95245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95245 NSC-LM95245 Datasheet
521Kb / 24P
Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95245 TI-LM95245_15 Datasheet
1Mb / 37P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com