Electronic Components Datasheet Search
  English  ▼

X  

LM25011AMYX Datasheet (PDF) - Texas Instruments

LM25011AMYX Datasheet PDF - Texas Instruments
Part # LM25011AMYX
Download  LM25011AMYX Download
File Size   842.48 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit

LM25011AMYX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25011AMYX Datasheet PDF - Texas Instruments

Part # LM25011AMYX
Download  LM25011AMYX Click to download

File Size   842.48 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit

LM25011AMYX Datasheet (HTML) - Texas Instruments


LM25011AMYX Product details

1 Features
1• LM25011-Q1 is an Automotive Grade Product that
is AEC-Q100 Grade 1 Qualified (–40°C to +125°C
Operating Junction Temperature)
• LM25011A Allows Low-Dropout Operation at High
Switching Frequency
• Input Operating Voltage Range: 6 V to 42 V
• Absolute Maximum Input Rating: 45 V
• Integrated 2-A N-Channel Buck Switch
• Adjustable Current Limit Allows for Smaller
Inductor
• Adjustable Output Voltage from 2.51 V
• Minimum Ripple Voltage at VOUT
• Power Good Output
• Switching Frequency Adjustable to 2 MHz
• COT Topology Features:
– Switching Frequency Remains Nearly
Constant with Load Current and Input Voltage
Variations
– Ultra-Fast Transient Response
– No Loop Compensation Required
– Stable Operation with Ceramic Output
Capacitors
– Allows for Smaller Output Capacitor and
Current Sense Resistor
• Adjustable Soft-Start Timing
• Thermal Shutdown
• Precision 2% Feedback Reference
• Package: 10-Pin, HVSSOP
• Create a Custom Design Using the LM25011
Family with the WEBENCH Power Designer

2 Applications
• Automotive Safety
• Infotainment
• Telecommunication
• Front Camera

3 Description
The LM25011 constant on-time step-down switching
regulator features all the functions needed to
implement a low-cost, efficient, buck bias regulator
capable of supplying up to 2 A of load current. This
high-voltage regulator contains an N-Channel Buck
switch, a startup regulator, current limit detection, and
internal ripple control. The constant on-time
regulation principle requires no loop compensation,
results in fast load transient response, and simplifies
circuit implementation. The operating frequency
remains constant with line and load. The adjustable
valley current limit detection results in a smooth
transition from constant voltage to constant current
mode when current limit is reached, without the use
of current limit foldback. The PGD output indicates
the output voltage has increased to within 5% of the
expected regulation value. Additional features
include: Low output ripple, VIN under-voltage lockout,
adjustable soft-start timing, thermal shutdown,
gate drive pre-charge, gate drive under-voltage lockout,
and maximum duty cycle limit.
The LM25011A has a shorter minimum off-time than
the LM25011, which allows for higher frequency
operation at low input voltages.




Similar Part No. - LM25011AMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25011AMYX TI-LM25011AMYX Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMYX TI-LM25011AMYX Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMYX TI-LM25011AMYX Datasheet
1Mb / 29P
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
More results


Similar Description - LM25011AMYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM25011 TI-LM25011_15 Datasheet
1Mb / 29P
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com