Electronic Components Datasheet Search
  English  ▼

X  

MLX91219 Datasheet (PDF) - Melexis Microelectronic Systems

MLX91219 Datasheet PDF - Melexis Microelectronic Systems
Part # MLX91219
Download  MLX91219 Download
File Size   1398.01 Kbytes
Page   34 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description High Speed Current Sensor IC with OCD

MLX91219 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX91219 Datasheet PDF - Melexis Microelectronic Systems

Part # MLX91219
Download  MLX91219 Click to download

File Size   1398.01 Kbytes
Page   34 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description High Speed Current Sensor IC with OCD

MLX91219 Datasheet (HTML) - Melexis Microelectronic Systems


MLX91219 Product details

Features and Benefits
▪ End-of-line programmable sensor
▪ Ratiometric or fixed (SOIC8 package only)
analog output
▪ Flexible Supply Voltage with factory
selectable 5V or 3.3V mode
▪ Measurement range from ±12.5 to
±400mT
▪ High speed sensing
▪ DC to 400kHz bandwidth
▪ 2μs response time
▪ High linearity down to ±0.5% full scale
▪ Low noise
▪ AEC-Q100 – Grade 0 Automotive
Qualification
▪ Very low thermal drift for wide
temperature range
▪ Offset drift (<5mV)
▪ Sensitivity drift (<1%)
▪ Internal and external (SOIC8 package only)
overcurrent detection
▪ RoHS compliant
▪ Available in SIP4-VA (MSL-1) and SOIC8
packages (MSL-3)

3. Description
The MLX91219 is a monolithic Hall-effect sensor
which is sensitive to the flux density applied
orthogonally to the IC surface. The sensor provides
an analog output voltage proportional to the
applied magnetic flux density.
The transfer characteristic of the MLX91219 is
factory trimmed over temperature, and is
programmable (offset, sensitivity, filtering,
internal overcurrent threshold) during end-of-line
customer calibration. With the 400kHz bandwidth
and fast response time, it is particularly adapted
for high speed applications such as inverters and
converters where fast response time due to fast
switching is required.
In a typical current sensing application, the sensor
is used in combination with a ring shaped soft
ferromagnetic core. This core is recommended to
be laminated for high bandwidth applications. The
MLX91219 is placed in a small air gap and the
current conductor – a bus bar or a cable – is passed
through the inner part of the ferromagnetic ring.
On the one hand the ring concentrates and
amplifies the magnetic flux seen by the sensor IC,
and at the same time it attenuates external
magnetic field disturbances.

2. Application Examples
▪ High Voltage Traction Motor Inverter
▪ 48V Boost Recuperation Inverter
▪ DCDC Converter
▪ Smart Battery Junction Boxes
▪ Smart Fuse Overcurrent Detection




Similar Part No. - MLX91219

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX91210 MELEXIS-MLX91210 Datasheet
1Mb / 18P
MLX91210 Integrated Current Sensor IC
MLX91210KDCCAS-101RE MELEXIS-MLX91210KDCCAS-101RE Datasheet
1Mb / 18P
MLX91210 Integrated Current Sensor IC
MLX91210KDCCAS-102RE MELEXIS-MLX91210KDCCAS-102RE Datasheet
1Mb / 18P
MLX91210 Integrated Current Sensor IC
MLX91210KDFCAS-101RE MELEXIS-MLX91210KDFCAS-101RE Datasheet
1Mb / 18P
MLX91210 Integrated Current Sensor IC
MLX91210KDFCAS-102RE MELEXIS-MLX91210KDFCAS-102RE Datasheet
1Mb / 18P
MLX91210 Integrated Current Sensor IC
More results


Similar Description - MLX91219

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
411Kb / 13P
High Accuracy Analog Speed Sensor IC with Integrated Filter
logo
Asahi Kasei Microsystem...
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
High-Speed Small Current Sensor
CQ-2333 AKM-CQ-2333 Datasheet
767Kb / 15P
High-Speed Small Current Sensor
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
High-Speed Small Current Sensor
logo
Melexis Microelectronic...
MLX91207 MELEXIS-MLX91207 Datasheet
610Kb / 21P
High Speed Hall Sensor IC
MLX91216 MELEXIS-MLX91216 Datasheet
1Mb / 14P
High Speed Current Sensor IC
MLX91217 MELEXIS-MLX91217 Datasheet
1Mb / 17P
High Speed Current Sensor IC
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
Current Sensor IC
16.Jan.2019 Rev.002
logo
Melexis Microelectronic...
MLX91218 MELEXIS-MLX91218 Datasheet
909Kb / 28P
High Speed Current Sensor IC with OCD
Rev003 2 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com