Electronic Components Datasheet Search
  English  ▼

X  

HUB7M Datasheet (PDF) - Sealevel Systems, Inc.

HUB7M Datasheet PDF - Sealevel Systems, Inc.
Part # HUB7M
Download  HUB7M Download
File Size   293.27 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH USB Ports

HUB7M Datasheet (PDF)

Go To PDF Page Download Datasheet
HUB7M Datasheet PDF - Sealevel Systems, Inc.

Part # HUB7M
Download  HUB7M Click to download

File Size   293.27 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH USB Ports

HUB7M Datasheet (HTML) - Sealevel Systems, Inc.


HUB7M Product details

Features
• Powered USB hub provides seven downstream USB ports with 500mA
available per port
• Sealevel’s SeaLATCH locking USB ports provide secure connection with
SeaLATCH USB cables via metal thumbscrews
• High-retention USB type B connector prevents accidental disconnection
of USB cable
• Status LEDs indicate external power, connection to the host, and fault
conditions
• USB (Universal Serial Bus) 2.0 compliant hub
• Backward compatible with USB 1.1 and USB 1.0 devices
• Supports high-speed 480M bps, full-speed 12M bps and low-speed
1.5M bps operation
• Supported in Microsoft Windows, Linux, and other USB aware operating
systems
• Includes wall-mount AC power supply that outputs 12VDC @ 2.5A
(Item# TR123)
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)




Similar Part No. - HUB7M

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
HUB7I SEALEVEL-HUB7I Datasheet
646Kb / 2P
Isolated 7-Port USB Hub
HUB7P SEALEVEL-HUB7P Datasheet
673Kb / 2P
High Speed 7-Port USB 2.0 Hub
HUB7SS-BA SEALEVEL-HUB7SS-BA Datasheet
158Kb / 2P
Rugged SuperSpeed 7-Port USB 3.1 Hub
HUB7SSBA-OEM SEALEVEL-HUB7SSBA-OEM Datasheet
644Kb / 2P
Embedded Rugged SuperSpeed 7-Port USB 3.1 Hub with Battery Charging
More results


Similar Description - HUB7M

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
logo
Axiomtek Co., Ltd.
SBC84833 AXIOMTEK-SBC84833 Datasheet
261Kb / 1P
7 USB 2.0 ports
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com