Electronic Components Datasheet Search
  English  ▼

X  

HUB4SS-BA Datasheet (PDF) - Sealevel Systems, Inc.

HUB4SS-BA Datasheet PDF - Sealevel Systems, Inc.
Part # HUB4SS-BA
Download  HUB4SS-BA Download
File Size   325.4 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Rugged SuperSpeed 4-Port USB 3.1 Hub

HUB4SS-BA Datasheet (PDF)

Go To PDF Page Download Datasheet
HUB4SS-BA Datasheet PDF - Sealevel Systems, Inc.

Part # HUB4SS-BA
Download  HUB4SS-BA Click to download

File Size   325.4 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Rugged SuperSpeed 4-Port USB 3.1 Hub

HUB4SS-BA Datasheet (HTML) - Sealevel Systems, Inc.


HUB4SS-BA Product details

Features
• Self-powered USB 3.1 hub provides four Charging Downstream
USB Ports (CDPs)
• One Charging Downstream Port (CDP) supplies up to 2.4A to a
connected device
• CDPs are battery charging specification BCv1.2 compliant
• Three Charging Downstream Ports (CDPs) supply up to 1500mA to
each connected device
• Device offers SDP charging when powered by external USB (up to
500mA for USB 2.0/1.1/1.0 connections or up to 900mA for USB
3.0/3.1 connections)
• Supports SuperSpeed (5Gb/s), high-speed (480Mb/s), full-speed
(12Mb/s) and low-speed (1.5Mb/s) operation
• ESD protection
• ±8kV on Each USB 2.0 Data Line (D+, D-)
• ±15kV on Each USB 3.0 Data Line (SSTX+, SSTX-, SSRX+, SSRX-)
• Fully Supported in Microsoft Windows 8/10 and other USB-aware
operating systems (compatible with all operating systems that USB
1.1/2.0/3.0 are compatible with).
• Optional wall-mount AC power supply accessory that outputs
24VDC @ 2.71A (Item # TR152)
• Includes 2-meter USB 3.0 type A to USB 3.0 type B device cable
(Item #CA783)
• 2-meter USB 3.0 type A to SeaLATCH USB 3.0 type B device cable
available as an option (Item #CA748)
• Sealevel’s SeaLATCH locking USB 3.0 ports provide secure connection
with optional SeaLATCH USB 3.0 cables via metal thumbscrews
• Reverse polarity input voltage protection down to -40VDC with respect
to GND
• Overvoltage Protection against input voltage surges up to 80VDC with
respect to GND
• Overcurrent Protection against short circuits and excessive
load currents.




Similar Part No. - HUB4SS-BA

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
HUB4PH SEALEVEL-HUB4PH Datasheet
378Kb / 2P
Industrial High-Speed 4-Port USB 2.0 Hub with Battery Charging Downstream Port
HUB4PH-KT SEALEVEL-HUB4PH-KT Datasheet
290Kb / 2P
iPortholes High Speed 4-Port USB 2.0 Hub with Battery Charging Downstream Ports and SeaLATCH
More results


Similar Description - HUB4SS-BA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360004IND TRIPPLITE-U360004IND Datasheet
495Kb / 2P
4-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360-004-AL TRIPPLITE-U360-004-AL Datasheet
503Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Mini Hub, Aluminum
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
4-Port SuperSpeed USB Hub Controller
logo
Advantech Co., Ltd.
USH304 ADVANTECH-USH304 Datasheet
320Kb / 1P
4-port isolated USB 3.0 SuperSpeed Hub
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
6-Port SuperSpeed USB 3.0 Hub
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com