Electronic Components Datasheet Search
  English  ▼

X  

LM5118 Datasheet (PDF) - Texas Instruments

LM5118 Datasheet PDF - Texas Instruments
Part # LM5118
Download  LM5118 Download
File Size   962.28 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5118-Q1 Wide Voltage Range Buck-Boost Controller

LM5118 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5118 Datasheet PDF - Texas Instruments

Part # LM5118
Download  LM5118 Click to download

File Size   962.28 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5118-Q1 Wide Voltage Range Buck-Boost Controller

LM5118 Datasheet (HTML) - Texas Instruments


LM5118 Product details

1 Features
1• AEC-Q100 Qualified for Automotive Applications
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C6
• Ultra-Wide Input Voltage Range From 3 V to 75 V
• Emulated Peak Current Mode Control
• Smooth Transition Between Step-Down and Step-
Up Modes
• Switching Frequency Programmable to 500 KHz
• Oscillator Synchronization Capability
• Internal High Voltage Bias Regulator
• Integrated High and Low-Side Gate Drivers
• Programmable Soft-Start Time
• Ultra-Low Shutdown Current
• Enable Input Wide Bandwidth Error Amplifier
• 1.5% Feedback Reference Accuracy
• Thermal Shutdown
• Package: 20-Pin HTSSOP (Exposed Pad)
• Create a Custom Design Using the LM5118-Q1
With the WEBENCH® Power Designer

2 Applications
• Automotive Infotainment
• Automotive Start and Stop Systems
• Industrial Buck-Boost Supplies

3 Description
The LM5118-Q1 wide voltage range Buck-Boost
switching regulator controller features all of the
functions necessary to implement a highperformance,
cost-efficient Buck-Boost regulator
using a minimum of external components. The Buck-
Boost topology maintains output voltage regulation
when the input voltage is either less than or greater
than the output voltage, making it especially suitable
for automotive applications. The LM5118-Q1
operates as a buck regulator while the input voltage
is sufficiently greater than the regulated output
voltage and gradually transitions to the buck-boost
mode as the input voltage approaches the output.
This dual-mode approach maintains regulation over a
wide range of input voltages with optimal conversion
efficiency in the buck mode and a glitch-free output
during mode transitions. This easy-to-use controller
includes drivers for the high-side buck MOSFET and
the low-side boost MOSFET. The regulators control
method is based upon current mode control using an
emulated current ramp. Emulated current mode
control reduces noise sensitivity of the pulse-width
modulation circuit, allowing reliable control of the very
small duty cycles necessary in high input voltage
applications. Additional protection features include
current limit, thermal shutdown and an enable input.
The device is available in a power-enhanced, 20-pin
HTSSOP package featuring an exposed die attach
pad to aid thermal dissipation.




Similar Part No. - LM5118

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118 TI-LM5118 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
More results


Similar Description - LM5118

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
Wide Voltage Range Buck-Boost Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25118 TI-LM25118_15 Datasheet
1Mb / 43P
LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
LM5141-Q1 Wide Input Range Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com