Electronic Components Datasheet Search
  English  ▼

X  

LM5106SDX/NOPB Datasheet (PDF) - Texas Instruments

LM5106SDX/NOPB Datasheet PDF - Texas Instruments
Part # LM5106SDX/NOPB
Download  LM5106SDX/NOPB Download
File Size   862.12 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5106 100-V Half-Bridge Gate Driver With Programmable Dead-Time

LM5106SDX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5106SDX/NOPB Datasheet PDF - Texas Instruments

Part # LM5106SDX/NOPB
Download  LM5106SDX/NOPB Click to download

File Size   862.12 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5106 100-V Half-Bridge Gate Driver With Programmable Dead-Time

LM5106SDX/NOPB Datasheet (HTML) - Texas Instruments


LM5106SDX/NOPB Product details

1 Features
1• Drives Both a High-Side and Low-Side N-Channel
MOSFET
• 1.8-A Peak Output Sink Current
• 1.2-A Peak Output Source Current
• Bootstrap Supply Voltage Range up to 118-V DC
• Single TTL Compatible Input
• Programmable Turnon Delays (Dead-Time)
• Enable Input Pin
• Fast Turnoff Propagation Delays (32 ns Typical)
• Drives 1000 pF With 15-ns Rise and 10-ns Fall
Time
• Supply Rail Undervoltage Lockout
• Low Power Consumption
• 10-Pin WSON Package (4 mm × 4 mm) and 10-
Pin VSSOP Package

2 Applications
• Solid-State Motor Drives
• Half-Bridge and Full-Bridge Power Converters
• Two Switch Forward Power Converters

3 Description
The LM5106 is a high-voltage gate driver designed to
drive both the high-side and low-side N-channel
MOSFETs in a synchronous buck or half-bridge
configuration. The floating high-side driver can work
with rail voltages up to 100 V. The single control input
is compatible with TTL signal levels and a single
external resistor programs the switching transition dead-time through tightly matched turnon delay
circuits. The robust level shift technology operates at
high speed while consuming low power and provides
clean output transitions. Undervoltage lockout (UVLO) disables the gate driver when either the low
side or the bootstrapped high-side supply voltage is
below the operating threshold. The LM5106 is offered
in the 10-pin VSSOP or the thermally enhanced 10-
pin WSON plastic package.




Similar Part No. - LM5106SDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5106SDX/NOPB TI-LM5106SDX/NOPB Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
More results


Similar Description - LM5106SDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5106 TI-LM5106_15 Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
LMG1210 TI1-LMG1210 Datasheet
601Kb / 23P
200-V, 1.5-A, 3-A Half-Bridge GaN Driver With Adjustable Dead Time
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
ADUM4221 AD-ADUM4221_V01 Datasheet
1Mb / 24P
Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com