Electronic Components Datasheet Search
  English  ▼

X  

MAX16141AAF Datasheet (PDF) - Maxim Integrated Products

MAX16141AAF Datasheet PDF - Maxim Integrated Products
Part # MAX16141AAF
Download  MAX16141AAF Download
File Size   609.01 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5V to 36V Ideal Diode Controller with Voltage and Current Circuit Breaker

MAX16141AAF Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16141AAF Datasheet PDF - Maxim Integrated Products

Part # MAX16141AAF
Download  MAX16141AAF Click to download

File Size   609.01 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5V to 36V Ideal Diode Controller with Voltage and Current Circuit Breaker

MAX16141AAF Datasheet (HTML) - Maxim Integrated Products


MAX16141AAF Product details

General Description
The MAX16141, an ideal diode controller, provides system protection against a variety of system faults, such as reverse-current, overcurrent, input overvoltage/undervoltage, and overtemperature conditions. The wide operating voltage range of 3.5V to 36V, combined with 5μA (typ) of shutdown current, make the MAX16141 ideal for automotive applications. An integrated charge pump drives the gate of the back-to-back external nFETs 9V above the source connection, minimizing power loss between the source and the load.
A fast-acting comparator allows the MAX16141 to block reverse-current flow within 1μs (max) of the input falling below the output voltage. An external current-sense resistor between RS and OUT provides overload monitoring capability. Two input pins, OVSET and UVSET, provide set points to protect against input overvoltage and undervoltage events using a simple resistive-divider.
During startup, the MAX16141 monitors the voltage drop across the external nFETs (VIN - VOUT) to ensure VOUT is greater than 0.9 x VIN. Once the startup event is complete, the MAX16141 is ready to protect against systems faults. During normal operation, some systems experience brownouts or short interruptions of power. To ensure smooth system recovery from these interruptions, the MAX16141 includes a secondary power input (VCC) to keep critical circuits alive. When the main input power recovers, the MAX16141 enables the gate in fast mode (70μs, typ) to charge the output capacitor.
Additional features include a low-power mode that allows the MAX16141 to source limited power to the load, an internal switch that helps save power during shutdown mode, and a fault output that asserts during fault conditions.
The MAX16141 is available in a 4mm x 4mm x 0.75mm, 16-pin TQFN package and operates over the automotive temperature range of -40°C to +125°C.

Applications
● Automotive Power Systems
● Network/Telecom Power Systems
● RAID Systems
● Servers
● PoE Systems

Benefits and Features
● Wide Voltage Range
• 3.5V to 36V Operating Voltage Range
• -36V to +60V Protection Voltage Range
● Eliminates Discrete Diode Power Dissipation
● Low-Power Shutdown Reduces Battery Drain
• 5μA (Typ) Shutdown Current
• Term Switch Isolates UVLO and OVLO Circuitry in Shutdown
● Isolates Failed Supply from Load
• Bidirectional Current Blocking On Open
• Bidirectional Voltage Blocking On Open
● Current Protection
• Factory Adjustable Overcurrent Trip Thresholds
• Factory Adjustable Reverse-Current Trip Thresholds
● Resistor Adjustable Overvoltage and Undervoltage Trip Thresholds
● Automotive Qualified
• Operates Down to +3.5V, Riding Out Cold-Crank Conditions
• -40°C to +125°C Operating Temperature Range
● N-Channel MOSFET Gate Driver of VIN + 8V
● Fault Output
• UVLO, OVLO, Overcurrent, Reverse-Current, and Thermal Shutdown




Similar Part No. - MAX16141AAF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16141AAF+T MAXIM-MAX16141AAF+T Datasheet
575Kb / 24P
3.5V to 36V Ideal Diode Controllers with Voltage and Current Circuit Breaker
2022
MAX16141AAF/V+T MAXIM-MAX16141AAF/V+T Datasheet
575Kb / 24P
3.5V to 36V Ideal Diode Controllers with Voltage and Current Circuit Breaker
2022
More results


Similar Description - MAX16141AAF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
logo
Maxim Integrated Produc...
MAX5968 MAXIM-MAX5968 Datasheet
1Mb / 26P
Circuit-Breaker and Ideal Diode Controller with Digital Monitoring Functions
19-5115; Rev 1; 2/10
logo
Linear Technology
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
Input Voltage Range 3.5V to 36V
April 1, 2012
logo
Maxim Integrated Produc...
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX16141 MAXIM-MAX16141_V01 Datasheet
575Kb / 24P
3.5V to 36V Ideal Diode Controllers with Voltage and Current Circuit Breaker
2022
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
3.5V to 36V Input Supply Range
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com