Electronic Components Datasheet Search
  English  ▼

X  

ISO7342CDW.B Datasheet (PDF) - Texas Instruments

ISO7342CDW.B Datasheet PDF - Texas Instruments
Part # ISO7342CDW.B
Download  ISO7342CDW.B Download
File Size   855.68 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators

ISO7342CDW.B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7342CDW.B Datasheet PDF - Texas Instruments

Part # ISO7342CDW.B
Download  ISO7342CDW.B Click to download

File Size   855.68 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators

ISO7342CDW.B Datasheet (HTML) - Texas Instruments


ISO7342CDW.B Product details

1 Features
1• Signaling Rate: 25 Mbps
• Integrated Noise Filter on the Inputs
• Default Output High and Low Options
• Low Power Consumption, Typical ICC per Channel
at 1 Mbps:
– ISO7340x: 0.9 mA (5-V Supplies),
0.7 mA (3.3-V Supplies)
– ISO7341x: 1.2 mA (5-V Supplies),
0.9 mA (3.3-V Supplies)
– ISO7342x: 1.3 mA (5-V Supplies),
0.9 mA (3.3-V Supplies)
• Low Propagation Delay: 31 ns
Typical (5-V Supplies)
• 3.3-V and 5-V Level Translation
• Wide Temperature Range: –40°C to 125°C
• 70-KV/μs Transient Immunity,
Typical (5-V Supplies)
• Robust Electromagnetic Compatibility (EMC)
– System-level ESD, EFT, and Surge Immunity
– Low Emissions
• Operates from 3.3-V and 5-V Supplies
• Wide-Body SOIC-16 Package
• Safety-Related Certifications:
– 4242-VPK Basic Isolation per DIN V VDE V
0884-10 and DIN EN 61010-1
– 3-KVRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 End Equipment
Standards
– GB4943.1-2011 CQC Certified

2 Applications
• Optocoupler Replacement in:
– Industrial Fieldbus
– Profibus
– Modbus
– DeviceNet Data Buses
– Servo Control Interface
– Motor Control
– Power Supplies
– Battery Packs

3 Description
The ISO734x family of devices provides galvanic
isolation up to 3000 VRMS for 1 minute per UL 1577
and 4242 VPK per VDE V 0884-10. These devices
have four isolated channels comprised of logic input
and output buffers separated by a silicon dioxide
(SiO2) insulation barrier.
The ISO7340x device has four channels in forward
direction, the ISO7341x device has three forward and
one reverse-direction channels, and the ISO7342x
device has two forward and two reverse-direction
channels. In case of input power or signal loss, the
default output is low for devices with suffix F and high
for devices without suffix F. See the Device
Functional Modes section for further details.




Similar Part No. - ISO7342CDW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7342CDW TI1-ISO7342CDW Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342CDWR TI1-ISO7342CDWR Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results


Similar Description - ISO7342CDW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1_15 Datasheet
569Kb / 29P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1 Datasheet
1Mb / 33P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com