Electronic Components Datasheet Search
  English  ▼

X  

DS90C363 Datasheet (PDF) - Texas Instruments

DS90C363 Datasheet PDF - Texas Instruments
Part # DS90C363
Download  DS90C363 Download
File Size   848.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link–65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link–65 MHz

DS90C363 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C363 Datasheet PDF - Texas Instruments

Part # DS90C363
Download  DS90C363 Click to download

File Size   848.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link–65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link–65 MHz

DS90C363 Datasheet (HTML) - Texas Instruments


DS90C363 Product details

1FEATURES
23• 20 to 65 MHz shift clock support
• Programmable Transmitter (DS90C363) strobe
select (Rising or Falling edge strobe)
• Single 3.3V supply
• Chipset (TX + RX) power consumption < 250
mW (typ)
• Power-down mode (< 0.5 mW total)
• Single pixel per clock XGA (1024×768) ready
• Supports VGA, SVGA, XGA and higher
addressability
• Up to 170 Megabyte/sec bandwidth
• Up to 1.3 Gbps throughput
• Narrow bus reduces cable size and cost
• 290 mV swing LVDS devices for low EMI
• PLL requires no external components
• Low profile 48-lead TSSOP package
• Falling edge data strobe Receiver
• Compatible with TIA/EIA-644 LVDS standard
• ESD rating > 7 kV
• Operating Temperature: −40°C to +85°C

DESCRIPTION
The DS90C363 transmitter converts 21 bits of
CMOS/TTL data into three LVDS (Low Voltage
Differential Signaling) data streams. A phase-locked
transmit clock is transmitted in parallel with the data
streams over a fourth LVDS link. Every cycle of the
transmit clock 21 bits of input data are sampled and
transmitted. The DS90CF364 receiver converts the
LVDS data streams back into 21 bits of CMOS/TTL
data. At a transmit clock frequency of 65 MHz, 18 bits
of RGB data and 3 bits of LCD timing and control
data (FPLINE, FPFRAME, DRDY) are transmitted at
a rate of 455 Mbps per LVDS data channel. Using a
65 MHz clock, the data throughput is 170 Mbyte/sec.
The Transmitter is offered with programmable edge
data strobes for convenient interface with a variety of
graphics controllers. The Transmitter can be
programmed for Rising edge strobe or Falling edge
strobe through a dedicated pin. A Rising edge
Transmitter will inter-operate with a Falling edge
Receiver (DS90CF364) without any translation logic.
This chipset is an ideal means to solve EMI and
cable size problems associated with wide, high speed
TTL interfaces.




Similar Part No. - DS90C363

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363AMTD NSC-DS90C363AMTD Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Similar Description - DS90C363

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF384AMTDX TI1-DS90CF384AMTDX Datasheet
1Mb / 19P
DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com