Electronic Components Datasheet Search
  English  ▼

X  

LYT2003D Datasheet (PDF) - Power Integrations, Inc.

LYT2003D Datasheet PDF - Power Integrations, Inc.
Part # LYT2003D
Download  LYT2003D Download
File Size   1483.84 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate Primary-Side Regulation

LYT2003D Datasheet (PDF)

Go To PDF Page Download Datasheet
LYT2003D Datasheet PDF - Power Integrations, Inc.

Part # LYT2003D
Download  LYT2003D Click to download

File Size   1483.84 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate Primary-Side Regulation

LYT2003D Datasheet (HTML) - Power Integrations, Inc.


LYT2003D Product details

Applications
• LED bulbs, down lights, luminaires, ballasts and T8 tubes
Description
The LYTSwitch™-2 family of ICs dramatically simplifies low power CC
LED drivers by eliminating the optocoupler and secondary control
circuitry. The family introduces a revolutionary control technique which
provides accurate output current regulation, compensating for
transformer and external component variations, and device parameter
tolerances as well as input voltage variations.
The device incorporates a high-voltage switching MOSFET, an ON/OFF
control state-machine, a high-voltage switched current source for
self-biasing, frequency jitter to reduce EMI, cycle-by-cycle current limit
and hysteretic thermal shutdown circuitry into a monolithic IC. This high
level of integration enables cost-effective designs with very few
external components, reducing solution cost and driver size.
LYTSwitch-2 parts minimize energy consumption when the output is
unloaded. Practical designs can easily achieve less than 30 mW
no-load consumption.
The 725 V power MOSFET used in LYTSwitch-2 devices increases the
circuits’ ability to withstand input surge. In addition, each package is
designed to maximize the creepage distance between high-voltage pins
and logic level inputs. This increased pin spacing increases driver
lifetime and reliability in polluted environments. These in-built protection
features also protect the entire circuit from excess temperature
operation, increasing lifetime in thermally challenging environments.




Similar Part No. - LYT2003D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT2003D POWERINT-LYT2003D Datasheet
1Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LYT2003D-TL POWERINT-LYT2003D-TL Datasheet
1Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
More results


Similar Description - LYT2003D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6774E POWERINT-LNK6774E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
logo
Active-Semi, Inc
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Power Integrations, Inc...
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com