Electronic Components Datasheet Search
  English  ▼

X  

EUR1 Datasheet (PDF) - Europa PLC

EUR1 Datasheet PDF - Europa PLC
Part # EUR1
Download  EUR1 Download
File Size   291.2 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description RCCB TYPE ‘A’ 10kA 30mA 230V

EUR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EUR1 Datasheet PDF - Europa PLC

Part # EUR1
Download  EUR1 Click to download

File Size   291.2 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description RCCB TYPE ‘A’ 10kA 30mA 230V

EUR1 Datasheet (HTML) - Europa PLC


EUR1 Product details

Features
• Can be fitted upstream of a Type A or Type AC RCCB device.
• Type A is also suitable for Type AC applications resulting to
wider range of installations which the RCCB can be used in.
• Suitable for electric vehicle charging where any smooth DC
fault current is less than 6mA.




Similar Part No. - EUR1

ManufacturerPart #DatasheetDescription
logo
Europa PLC
EUR1 EUROPA-EUR1 Datasheet
628Kb / 2P
RCCB TYPE ‘A’ 10kA
EUR1 EUROPA-EUR1 Datasheet
1Mb / 2P
RCCB TYPE ‘A’ 100A 2 & 4 Pole for TPN BOARDS
EUR1 EUROPA-EUR1 Datasheet
447Kb / 2P
RCCB TYPE ‘A’ 100A 2 & 4 Pole for TPN BOARDS
EUR1100 EUROPA-EUR1100 Datasheet
447Kb / 2P
RCCB TYPE ‘A’ 100A 2 & 4 Pole for TPN BOARDS
EUR1100.100/4A EUROPA-EUR1100.100/4A Datasheet
1Mb / 2P
RCCB TYPE ‘A’ 100A 2 & 4 Pole for TPN BOARDS
More results


Similar Description - EUR1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0030-04A SANYO-SB0030-04A Datasheet
44Kb / 2P
40V, 30mA Rectifier
logo
Holtek Semiconductor In...
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
148Kb / 14P
30mA Voltage Regulator
April 30, 2013
logo
Frontier Electronics.
ASD751V FRONTIER-ASD751V Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
logo
SHENZHEN FUMAN ELECTRON...
HT71XX FUMAN-HT71XX Datasheet
992Kb / 4P
30mA Linear Regulator
logo
Eaton All Rights Reserv...
SM600BA50A1 EATON-SM600BA50A1 Datasheet
233Kb / 10P
Remote Controlled Circuit Breaker (RCCB)
logo
Schneider Electric
A9R20225 SCHNEIDER-A9R20225 Datasheet
77Kb / 2P
Acti 9 iID - RCCB - 2P - 25A - 10mA - type A
23-Feb-2021
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
Guaranteed 30mA Output
1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com