Electronic Components Datasheet Search
  English  ▼

X  

0826585 Datasheet (PDF) - PHOENIX CONTACT

0826585 Datasheet PDF - PHOENIX CONTACT
Part # 0826585
Download  0826585 Download
File Size   182.87 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SD-WMTB (70X10) VA - Carrier for conductor marking collar

0826585 Datasheet (PDF)

Go To PDF Page Download Datasheet
0826585 Datasheet PDF - PHOENIX CONTACT

Part # 0826585
Download  0826585 Click to download

File Size   182.87 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SD-WMTB (70X10) VA - Carrier for conductor marking collar

0826585 Datasheet (HTML) - PHOENIX CONTACT


0826585 Product details

Carrier for conductor marking collar, silver-colored, unmarked, mounting type: Assembly with
cable ties, cable diameter: > 16 mm, text field height: 10 mm, text field width: 70 mm




Similar Part No. - 0826585

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0826514 PHOENIX-0826514 Datasheet
187Kb / 5P
SD-WMTBS (S) YE - Wire marking tag
0826527 PHOENIX-0826527 Datasheet
187Kb / 5P
SD-WMTBS (NU) CC - Wire marking tag
0826530 PHOENIX-0826530 Datasheet
189Kb / 5P
SD-WMTB (70X10) - Carrier for conductor marking collar
0826543 PHOENIX-0826543 Datasheet
182Kb / 5P
SD-WMTB (100X10) - Carrier for conductor marking collar
0826556 PHOENIX-0826556 Datasheet
190Kb / 5P
SD-WMTBS (NU) VA - Wire marking tag
More results


Similar Description - 0826585

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825654-1 PHOENIX-0825654-1 Datasheet
49Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0825654-2 PHOENIX-0825654-2 Datasheet
49Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0825654-3 PHOENIX-0825654-3 Datasheet
49Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0825654-4 PHOENIX-0825654-4 Datasheet
49Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0825654-5 PHOENIX-0825654-5 Datasheet
49Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0825654-6 PHOENIX-0825654-6 Datasheet
48Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0825654-8 PHOENIX-0825654-8 Datasheet
49Kb / 1P
Conductor marking collar, Labeled with the number: Numbers, yellow, width: 3.2 mm
0826572 PHOENIX-0826572 Datasheet
53Kb / 3P
Carrier for conductor marking collar - SD-WMTB (47X10) VA
09/11/2020
0826598 PHOENIX-0826598 Datasheet
53Kb / 3P
Carrier for conductor marking collar - SD-WMTB (92X10) VA
09/11/2020
1013575 PHOENIX-1013575 Datasheet
53Kb / 3P
Conductor marking collar - LBHZ 2/WH:UNBEDRUCKT
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com