Electronic Components Datasheet Search
  English  ▼

X  

CD4067BF Datasheet (PDF) - Texas Instruments

CD4067BF Datasheet PDF - Texas Instruments
Part # CD4067BF
Download  CD4067BF Download
File Size   982.46 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD40x7B CMOS Analog Multiplexers or Demultiplexers

CD4067BF Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4067BF Datasheet PDF - Texas Instruments

Part # CD4067BF
Download  CD4067BF Click to download

File Size   982.46 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD40x7B CMOS Analog Multiplexers or Demultiplexers

CD4067BF Datasheet (HTML) - Texas Instruments


CD4067BF Product details

1 Features
• High-voltage types (20V rating)
– CD4067B – single 16-channel multiplexer or
demultiplexer
• Low ON resistance: 125Ω (typ) over 15Vp-p signalinput
range for VDD–VSS = 15V
• High OFF resistance: channel leakage of
±10pA (typ) at VDD – VSS = 10V
• Matched switch characteristics: RON = 5Ω (typ) for
VDD – VSS = 15V
• Very low quiescent power dissipation under all
digital-control input and supply conditions:
0.2μW (typ) at VDD – VSS = 10V
• Binary address decoding on chip
• 5V, 10V, and 15V parametric ratings
• 100% tested for quiescent current at 20V
• Standardized symmetrical output characteristics
• Maximum input current of 1μA at 18V over full
package temperature range: 100nA at 18V and
25°C
• Meets all requirements of JEDEC tentative
standard No. 13-B, Standard Specifications for
Description of "B" Series CMOS Devices

2 Applications
• Analog signal and digital multiplexing
• Transmission-gate logic implementation
• A/Dl and D/A conversion
• Signal gating

3 Description
CD40x7B CMOS analog multiplexers or
demultiplexers are digitally controlled analog switches
having low ON impedance, low OFF leakage current,
and internal address decoding. When these devices
are used as demultiplexers, the channel in or out
terminals are the outputs and the common out or
in terminals are the inputs. In addition, the ON
resistance is relatively constant over the full inputsignal
range.
The CD4067B is a 16-channel multiplexer with four
binary control inputs, A, B, C, D, and an inhibit input,
arranged so that any combination of the inputs selects
one switch.
A logic "1" present at the inhibit input turns all
channels off.
The CD40x7B types are supplied in 24-lead hermetic
dual-in-line ceramic packages (F3A suffix), 24-lead
dual-in-line plastic packages (E suffix), 24-lead smalloutline
packages (M, M96, and NSR suffixes), and 24-
lead thin shrink small-outline packages (P and PWR
suffixes).




Similar Part No. - CD4067BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4067BF TI-CD4067BF Datasheet
528Kb / 15P
CMOS Analog Multiplexers/Demultiplexers
CD4067BF TI-CD4067BF Datasheet
1,023Kb / 17P
CMOS Analog Multiplesers Demultiplexers
CD4067BF TI1-CD4067BF Datasheet
1Mb / 17P
CMOS Analog Multiplexers/Demultiplexers
CD4067BF TI2-CD4067BF Datasheet
984Kb / 26P
CD40x7B CMOS Analog Multiplexers or Demultiplexers
REVISED AUGUST 2024
CD4067BF.A TI2-CD4067BF.A Datasheet
984Kb / 26P
CD40x7B CMOS Analog Multiplexers or Demultiplexers
REVISED AUGUST 2024
More results


Similar Description - CD4067BF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
CMOS Analog Multiplexers/Demultiplexers
December 1992
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI-CD4067B Datasheet
528Kb / 15P
CMOS Analog Multiplexers/Demultiplexers
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
CMOS Analog Multiplexers/Demultiplexers
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
CMOS Analog Multiplexers/Demultiplexers*
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com