Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFP.B Datasheet (PDF) - Texas Instruments

ADS5444IPFP.B Datasheet PDF - Texas Instruments
Part # ADS5444IPFP.B
Download  ADS5444IPFP.B Download
File Size   981.72 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER

ADS5444IPFP.B Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5444IPFP.B Datasheet PDF - Texas Instruments

Part # ADS5444IPFP.B
Download  ADS5444IPFP.B Click to download

File Size   981.72 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER

ADS5444IPFP.B Datasheet (HTML) - Texas Instruments


ADS5444IPFP.B Product details

FEATURES
· 13-Bit Resolution
· 250 MSPS Sample Rate
· SNR = 69 dBc at 100-MHz IF and 250 MSPS
· SFDR = 76 dBc at 100-MHz IF and 250 MSPS
· SNR = 67.7 dBc at 230-MHz IF and 250 MSPS
· SFDR = 77 dBc at 230-MHz IF and 250 MSPS
· 2.2 VPP Differential Input Voltage
· Fully Buffered Analog Inputs
· 5 V Analog Supply Voltage
· LVDS Compatible Outputs
· Total Power Dissipation: 2 W
· Offset Binary Output Format
· TQFP-80 PowerPAD™ Package
· Pin Compatible with the ADS5440
· Industrial Temperature Range = –40°C to 85°C

APPLICATIONS
· Test and Measurement
· Software-Defined Radio
· Multi-channel Basestation Receivers
· Basestation Tx Digital Predistortion
· Communications Instrumentation

RELATED PRODUCTS
· ADS5424 - 14-bit, 105 MSPS ADC
· ADS5423 - 14-bit, 80 MSPS ADC
· ADS5440 - 13-bit, 210 MSPS ADC

DESCRIPTION
The ADS5444 is a 13-bit 250 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while
providing LVDS-compatible digital outputs from a 3.3 V supply. The ADS5444 input buffer isolates the internal
switching of the onboard track and hold (T&H) from disturbing the signal source. An internal reference generator
is also provided to further simplify the system design. The ADS5444 has outstanding low noise and linearity over
input frequency.




Similar Part No. - ADS5444IPFP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444IPFP TI-ADS5444IPFP Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444IPFPG4 TI-ADS5444IPFPG4 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444IPFPR TI-ADS5444IPFPR Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444IPFPR TI1-ADS5444IPFPR Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444IPFPRG4 TI-ADS5444IPFPRG4 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS5444IPFP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP_15 Datasheet
538Kb / 22P
CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com