Electronic Components Datasheet Search
  English  ▼

X  

TFS759HG Datasheet (PDF) - Power Integrations, Inc.

TFS759HG Datasheet PDF - Power Integrations, Inc.
Part # TFS759HG
Download  TFS759HG Download
File Size   3525.04 Kbytes
Page   36 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Combined Two-Switch Forward and Flyback Power Supply Controllers

TFS759HG Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS759HG Datasheet PDF - Power Integrations, Inc.

Part # TFS759HG
Download  TFS759HG Click to download

File Size   3525.04 Kbytes
Page   36 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Combined Two-Switch Forward and Flyback Power Supply Controllers

TFS759HG Datasheet (HTML) - Power Integrations, Inc.


TFS759HG Product details

Applications
• PC
• Printer
• LCD TV
• Video game consoles
• High-power adapters
• Industrial and appliance high-power adapters
Description
The HiperTFS device family members incorporate both a
high-power two-switch-forward converter and a mid-power
flyback (standby) converter into a single, low-profile eSIP™
power package. The single chip solution provides the controllers
for the two-switch-forward and flyback converters, high- and
low-side drivers, all three of the high-voltage power MOSFETs,
and eliminates the converter’s need for costly external pulse
transformers. The device is ideal for high power applications
that require both a main power converter (two-switch forward)
up to 414 W, and standby converter (flyback) up to 20 W.
HiperTFS includes Power Integrations’ standard set of comprehensive
protection features, such as integrated soft-start, fault and
over-load protection, and hysteretic thermal shutdown.
HiperTFS utilizes advanced power packaging technology that
simplifies the complexity of two-switch forward layout, mounting
and thermal management, while providing very high power
capabilities in a single compact package. The devices operate
over a wide input voltage range, and can be used following a
power-factor correction stage such as HiperPFS.
Two-switch-forward power converters are often selected for
applications demanding cost-effective efficiency, fast transient
response, and accurate tolerance to line voltage fluctuation. The
two-switch-forward controller incorporated into HiperTFS
devices improves on the classic topology by allowing operation
considerably above 60% duty cycle. This improvement reduces
RMS currents conduction losses, minimizes the size and cost of
the bulk capacitor, and minimizes output diode voltage ratings.
The advanced design also includes transformer flux reset
control (saturation protection) and charge-recovery switching of
the high-side MOSFET, which reduces switching losses. This
combination of innovations yields an extremely efficient power
supply with smaller MOSFETs, fewer passives and discrete
components, and a lower-cost transformer.
HiperTFS’s flyback standby controller and MOSFET solution is
based on the highly popular TinySwitch™ technology used in
billions of power converter ICs due to its simplicity of operation,
light load efficiency, and rugged, reliable, performance. This
flyback converter can provide up to 20 W of output power and
the built in overload power compensation reduces component
design margin




Similar Part No. - TFS759HG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TFS759HG POWERINT-TFS759HG Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
TFS759HG POWERINT-TFS759HG Datasheet
3Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
April 2015
More results


Similar Description - TFS759HG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
logo
Power Integrations, Inc...
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
logo
STMicroelectronics
AN4638 STMICROELECTRONICS-AN4638 Datasheet
730Kb / 23P
The two-switch forward converter
17-Feb-2015
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
Switch mode Quasi-Resonant Flyback Power Supply
09-Oct-2006
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
Switch mode Quasi-Resonant Flyback Power Supply
09-Mar-2007
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
logo
Power Integrations, Inc...
TFS757 POWERINT-TFS757_V01 Datasheet
3Mb / 36P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
April 2015
TFS7701 POWERINT-TFS7701 Datasheet
3Mb / 42P
Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High-Voltage MOSFETs
April 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com