Electronic Components Datasheet Search
  English  ▼

X  

UC1843 Datasheet (PDF) - Texas Instruments

UC1843 Datasheet PDF - Texas Instruments
Part # UC1843
Download  UC1843 Download
File Size   986.33 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QML CLASS V, CURRENT-MODE PWM CONTROLLER

UC1843 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1843 Datasheet PDF - Texas Instruments

Part # UC1843
Download  UC1843 Click to download

File Size   986.33 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QML CLASS V, CURRENT-MODE PWM CONTROLLER

UC1843 Datasheet (HTML) - Texas Instruments


UC1843 Product details

1FEATURES
• QML-V Qualified, SMD 5962-86704
• Rad-Tolerant: 50 kRad (Si) TID (ELDRS Free) (1)
• Controlled Baseline
• Optimized For Off-line and DC-to-DC
Converters
• Low Start-Up Current (<1 mA)
• Automatic Feed Forward Compensation
• Pulse-by-Pulse Current Limiting
• Enhanced Load Response Characteristics
• Under-Voltage Lockout With Hysteresis
• Double Pulse Suppression
• High Current Totem Pole Output
• Internally Trimmed Bandgap Reference
• 500-kHz Operation
• Low RO Error Amp

DESCRIPTION
The UC1843 family of control devices provides the necessary features to implement off-line or dc-to-dc fixed
frequency current mode control schemes with a minimal external parts count. Internally implemented circuits
include under-voltage lockout featuring start up current less than 1 mA, a precision reference trimmed for
accuracy at the error amp input, logic to insure latched operation, a PWM comparator which also provides
current limit control, and a totem pole output stage designed to source or sink high peak current. The output
stage, suitable for driving N-Channel MOSFETs, is low in the off state. The under-voltage lockout threshold is
8.4 V and maximum duty cycle range is around 100%.




Similar Part No. - UC1843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
433Kb / 8P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
720Kb / 24P
CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
More results


Similar Description - UC1843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
QML Class V, Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
QML Class V, Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com