Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet (PDF) - Texas Instruments

TSC2014 Datasheet PDF - Texas Instruments
Part # TSC2014
Download  TSC2014 Download
File Size   952.39 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface

TSC2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2014 Datasheet PDF - Texas Instruments

Part # TSC2014
Download  TSC2014 Click to download

File Size   952.39 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface

TSC2014 Datasheet (HTML) - Texas Instruments


TSC2014 Product details

1 Features
1• 4-Wire Touch Screen Interface
• Ratiometric Conversion
• Single 1.2V to 3.6V Supply
• Preprocessing to Reduce Bus Activity
• High-Speed I2C-Compatible Interface
• Internal Detection of Screen Touch
• Register-Based Programmable:
– 10-Bit or 12-Bit Resolution
– Sampling Rates
– System Timing
• On-Chip Temperature Measurement
• Touch Pressure Measurement
• Auto Power-Down Control
• Low Power:
– 430μW at 1.8V, 50SSPS
– 320μW at 1.6V, 50SSPS
– 190μW at 1.2V, 50SSPS
– 58μW at 1.6V, 8.2kSPS Eq. Rate
– 37μW at 1.2V, 8.2kSPS Eq. Rate
• Enhanced ESD Protection:
– ±8kV HBM
– ±1kV CDM
– ±25kV Air Gap Discharge
– ±11kV Contact Discharge
• 1.5 x 2.0 WCSP-12 Package

2 Applications
• Cellular Phones
• Portable Instruments
• MP3 Players, Pagers
• Multiscreen Touch Control

3 Description
The TSC2014 is a very low-power touch screen
controller designed to work with power-sensitive,
handheld applications that are based on advanced
low-voltage processors. It works with a supply voltage
as low as 1.2V, which can be supplied by a singlecell
battery. It contains a complete, ultralow-power,
12-bit, analog-to-digital (A/D) resistive touch screen
converter, including drivers and the control logic to
measure touch pressure.
In addition to these standard features, the TSC2014
offers preprocessing of the touch screen
measurements to reduce bus loading, thus reducing
the consumption of host processor resources that can
then be redirected to more critical functions.
The TSC2014 supports an I2C serial bus and data
transmission protocol in all three defined modes:
standard, fast, and high-speed. It offers
programmable resolution of 10 or 12 bits to
accommodate different screen sizes and performance
needs.
The TSC2014 is available in a miniature, 12-lead,
3 x 4 array, (1.555 ±0.055)mm x (2.055 ±0.055)mm
wafer chip-scale package (WCSP) package. The
device is characterized for the –40°C to +85°C
industrial temperature range.




Similar Part No. - TSC2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014IYZGR TI1-TSC2014IYZGR Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014IYZGT TI1-TSC2014IYZGT Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Similar Description - TSC2014

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com