Electronic Components Datasheet Search
  English  ▼

X  

UC1714 Datasheet (PDF) - Texas Instruments

UC1714 Datasheet PDF - Texas Instruments
Part # UC1714
Download  UC1714 Download
File Size   542.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Complementary Switch FET Drivers

UC1714 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1714 Datasheet PDF - Texas Instruments

Part # UC1714
Download  UC1714 Click to download

File Size   542.98 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Complementary Switch FET Drivers

UC1714 Datasheet (HTML) - Texas Instruments


UC1714 Product details

1FEATURES
• Single Input (PWM and TTL Compatible)
• High-Current Power FET Driver, 1-A Source
and 2-A Sink
• Auxiliary Output FET Driver, 0.5-A Source and
1-A Sink
• Time Delays Between Power and Auxiliary
Outputs Independently Programmable from 50
to 500-ns
• Time Delay or True Zero-Voltage Operation
Independently Configurable for Each Output
• Switching Frequency to 1 MHz
• Typical 50-ns Propagation Delays
• ENBL Pin Activates 220-μA Sleep Mode
• Power Output is Active-Low in Sleep Mode
• Synchronous Rectifier Driver

DESCRIPTION
These two families of high speed drivers are
designed to provide drive waveforms for
complementary switches. Complementary switch
configurations are commonly used in synchronous
rectification circuits and active clamp/reset circuits,
which provide zero voltage switching. In order to
facilitate the soft switching transitions, independently
programmable delays between the two output
waveforms are provided on these drivers. The delay
pins also have true-zero voltage-sensing capability
which allows immediate activation of the
corresponding switch when zero voltage is applied.
These devices require a PWM-type input to operate
and interface with commonly available PWM
controllers.
In the UC1714 series, the AUX output is inverted to
allow driving a p-channel MOSFET. In the UC1715
series, the two outputs are configured in a true
complementary fashion.




Similar Part No. - UC1714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1714 TI-UC1714 Datasheet
274Kb / 8P
Complementary Switch FET Drivers
UC1714 TI1-UC1714 Datasheet
773Kb / 16P
Complementary Switch FET Drivers
UC1714 TI1-UC1714 Datasheet
986Kb / 16P
Complementary Switch FET Drivers
UC1714J TI1-UC1714J Datasheet
773Kb / 16P
Complementary Switch FET Drivers
UC1714J TI1-UC1714J Datasheet
986Kb / 16P
Complementary Switch FET Drivers
More results


Similar Description - UC1714

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
COMPLEMENTARY DUAL TMOS POWER FET
logo
Texas Instruments
UC1714 TI-UC1714 Datasheet
274Kb / 8P
Complementary Switch FET Drivers
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
1.5Amp complementary power drivers
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
COMPLIMENTARY SWITCH FET DRIVERS
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
Complementary intermediate level FET
Rev. 04-17 March 2011
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
Complementary 30V MOS FET
logo
Texas Instruments
UC1714 TI1-UC1714_16 Datasheet
986Kb / 16P
Complementary Switch FET Drivers
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
Complementary intermediate level FET
Rev. 04 - 17 March 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com