Electronic Components Datasheet Search
  English  ▼

X  

UC1707J Datasheet (PDF) - Texas Instruments

UC1707J Datasheet PDF - Texas Instruments
Part # UC1707J
Download  UC1707J Download
File Size   555.39 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL CHANNEL POWER DRIVER

UC1707J Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1707J Datasheet PDF - Texas Instruments

Part # UC1707J
Download  UC1707J Click to download

File Size   555.39 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL CHANNEL POWER DRIVER

UC1707J Datasheet (HTML) - Texas Instruments


UC1707J Product details

1FEATURES
· Two Independent Drivers
· 1.5 A Totem Pole Outputs
· Inverting and Non-Inverting Inputs
· 40 ns Rise and Fall Into 1000 pF
· High-Speed, Power MOSFET Compatible
· Low Cross-Conduction Current Spike
· Analog Shutdown With Optional Latch
· Low Quiescent Current
· 5 V to 40 V Operation
· Thermal Shutdown Protection
· 16-Pin Dual-In-Line Package
· 20-Pin PLCC and CLCC Package

DESCRIPTION
The UC1707 family of power drivers is made with a high-speed Schottky process to interface between low-level
control functions and high-power switching devices–particularly power MOSFETs. These devices contain two
independent channels, each of which can be activated by either a high or low input logic level signal. Each output
can source or sink up to 1.5 A as long as power dissipation limits are not exceeded.
Although each output can be activated independently with its own inputs, it can be forced low in common through
the action either of a digital high signal at the Shutdown terminal or a differential low-level analog signal. The
Shutdown command from either source can either be latching or not, depending on the status of the Latch
Disable pin.
Supply voltage for both VIN and VC can independently range from 5 V to 40 V.
These devices are available in two-watt plastic "bat-wing" DIP for operation over a 0°C to 70°C temperature
range and, with reduced power, in a hermetically sealed cerdip for –55°C to +125°C operation. Also available in
surface mount DW, Q, L packages.




Similar Part No. - UC1707J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707J TI1-UC1707J Datasheet
981Kb / 16P
DUAL CHANNEL POWER DRIVER
UC1707J TI1-UC1707J Datasheet
982Kb / 16P
DUAL CHANNEL POWER DRIVER
UC1707J/80313 TI1-UC1707J/80313 Datasheet
981Kb / 16P
DUAL CHANNEL POWER DRIVER
UC1707J/80313 TI1-UC1707J/80313 Datasheet
982Kb / 16P
DUAL CHANNEL POWER DRIVER
UC1707J883B TI1-UC1707J883B Datasheet
981Kb / 16P
DUAL CHANNEL POWER DRIVER
More results


Similar Description - UC1707J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
Dual Channel Power Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
Dual Channel Medium Power Differential Line Driver
October 21, 2004
logo
Texas Instruments
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Texas Instruments
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
Dual-Channel Power Driver
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
DUAL CHANNEL POWER DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com