Electronic Components Datasheet Search
  English  ▼

X  

UC1625 Datasheet (PDF) - Texas Instruments

UC1625 Datasheet PDF - Texas Instruments
Part # UC1625
Download  UC1625 Download
File Size   438.15 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Brushless DC Motor Controller

UC1625 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1625 Datasheet PDF - Texas Instruments

Part # UC1625
Download  UC1625 Click to download

File Size   438.15 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Brushless DC Motor Controller

UC1625 Datasheet (HTML) - Texas Instruments


UC1625 Product details

1FEATURES
• Drives Power MOSFETs or Power Darlingtons
Directly
• 50-V Open Collector High-Side Drivers
• Latched Soft Start
• High-Speed Current-Sense Amplifier with Ideal
Diode
• Pulse-by-Pulse and Average Current Sensing
• Over-Voltage and Under-Voltage Protection
• Direction Latch for Safe Direction Reversal
• Tachometer
• Trimmed Reference Sources 30 mA
• Programmable Cross-Conduction Protection
• Two-Quadrant and Four-Quadrant Operation

DESCRIPTION
The UC3625 family of motorcontroller devices
integrate most of the functions required for highperformance
brushless dc-motor control into one
package. When coupled with external power
MOSFETs or Darlingtons, these devices perform
fixed-frequency PWM motor control in either voltage
or current mode while implementing closed-loop
speed control and braking with smart noise rejection,
safe direction reversal, and cross–conduction
protection.
Although specified for operation from power supplies
between 10 V and 18 V, the UC1625 controls higher
voltage power devices with external level-shifting
components. The UC1625 contains fast, high-current
push-pull drivers for low-side power devices and 50-V
open-collector outputs for high-side power devices or
level-shifting circuitry.
The UC1625 is characterized for operation over the
military temperature range of –55°C to +125°C, while
the UC2625 is characterized from –40°C to +105°C
and the UC3625 is characterized from 0°C to +70°C.
(Note: ESD Protection to 2 kV)




Similar Part No. - UC1625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
Brushless DC Motor Controller
UC1625 TI1-UC1625 Datasheet
883Kb / 25P
Brushless DC Motor Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1625-SP TI2-UC1625-SP Datasheet
381Kb / 22P
RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
REVISED SEPTEMBER 2011
UC1625J TI-UC1625J Datasheet
313Kb / 15P
Brushless DC Motor Controller
More results


Similar Description - UC1625

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
Brushless DC Motor Controller
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com