Electronic Components Datasheet Search
  English  ▼

X  

UC1637 Datasheet (PDF) - Texas Instruments

UC1637 Datasheet PDF - Texas Instruments
Part # UC1637
Download  UC1637 Download
File Size   391.57 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE

UC1637 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC1637 Datasheet PDF - Texas Instruments

Part # UC1637
Download  UC1637 Click to download

File Size   391.57 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE

UC1637 Datasheet (HTML) - Texas Instruments


UC1637 Product details

1FEATURES
• QML-V Qualified, SMD 5962-89957
• Rad Tolerant: 30 kRad(Si) TID (1)
– TID Dose Rate = 10 mRad/sec
• Single or Dual Supply Operation
• ±2.5-V to ±20-V Input Supply Range
• ±5% Initial Oscillator Accuracy; ±10% Over
Temperature
• Pulse-by-Pulse Current Limiting
• Under-Voltage Lockout
• Shutdown Input with Temperature
Compensated 2.5-V Threshold
• Uncommitted PWM Comparators for Design

DESCRIPTION
The UC1637 is a pulse width modulator circuit intended to be used for a variety of PWM motor drive and
amplifier applications requiring either uni-directional or bi-directional drive circuits. When used to replace
conventional drivers, this circuit can increase efficiency and reduce component costs for many applications. All
necessary circuitry is included to generate an analog error signal and modulate two bi-directional pulse train
outputs in proportion to the error signal magnitude and polarity.
This monolithic device contains a sawtooth oscillator, error amplifier, and two PWM comparators with ±100-mA
output stages as standard features. Protection circuitry includes under-voltage lockout, pulse-by-pulse current
limiting, and a shutdown port with a 2.5-V temperature compensated threshold.
The UC1637 is characterized for operation over the full space temperature range of –55°C to 125°C.




Similar Part No. - UC1637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637 TI-UC1637 Datasheet
357Kb / 9P
Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
337Kb / 7P
Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637 Datasheet
913Kb / 12P
Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637 Datasheet
908Kb / 12P
Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
More results


Similar Description - UC1637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637 TI-UC1637 Datasheet
357Kb / 9P
Switched Mode Controller for DC Motor Drive
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
Switched Mode Controller for DC Motor Drive
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
Rad-Tolerant Class-V, Precision Analog Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1637 TI1-UC1637_15 Datasheet
913Kb / 12P
Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_17 Datasheet
908Kb / 12P
Switched Mode Controller for DC Motor Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com