Electronic Components Datasheet Search
  English  ▼

X  

UA9638CIDREP.A Datasheet (PDF) - Texas Instruments

UA9638CIDREP.A Datasheet PDF - Texas Instruments
Part # UA9638CIDREP.A
Download  UA9638CIDREP.A Download
File Size   391.79 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER

UA9638CIDREP.A Datasheet (PDF)

Go To PDF Page Download Datasheet
UA9638CIDREP.A Datasheet PDF - Texas Instruments

Part # UA9638CIDREP.A
Download  UA9638CIDREP.A Click to download

File Size   391.79 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER

UA9638CIDREP.A Datasheet (HTML) - Texas Instruments


UA9638CIDREP.A Product details

1FEATURES
2• Meets or Exceeds ANSI Standard
EIA/TIA-422-B
• Operates From a Single 5-V Power Supply
• Drives Loads as Low as 50 Ω up to 15 Mbps
• TTL- and CMOS-Input Compatibility
• Output Short-Circuit Protection
• Interchangeable With National
Semiconductor™ DS9638

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Rated From –40°C to 85°C
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The uA9638C is a dual high-speed differential line driver designed to meet ANSI Standard EIA/TIA-422-B. The
inputs are TTL and CMOS compatible and have input clamp diodes. Schottky-diode-clamped transistors are
used to minimize propagation delay time. This device operates from a single 5-V power supply and is supplied in
an 8-pin package.
The uA9638 provides the current needed to drive low-impedance loads at high speeds. Typically used with
twisted-pair cabling and differential receiver(s), base-band data transmission can be accomplished up to and
exceeding 15 Mbps in properly designed systems. The uA9637A dual line receiver is commonly used as the
receiver. For even faster switching speeds in the same pin configuration, see the SN75ALS191.
The uA9638C is characterized for operation from -40°C to 85°C.




Similar Part No. - UA9638CIDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638CIDREP TI1-UA9638CIDREP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638CIDREP TI1-UA9638CIDREP Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Similar Description - UA9638CIDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com