Electronic Components Datasheet Search
  English  ▼

X  

UA733C Datasheet (PDF) - Texas Instruments

UA733C Datasheet PDF - Texas Instruments
Part # UA733C
Download  UA733C Download
File Size   599.22 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL VIDEO AMPLIFIERS

UA733C Datasheet (PDF)

Go To PDF Page Download Datasheet
UA733C Datasheet PDF - Texas Instruments

Part # UA733C
Download  UA733C Click to download

File Size   599.22 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL VIDEO AMPLIFIERS

UA733C Datasheet (HTML) - Texas Instruments


UA733C Product details

200-MHz Bandwidth
250-kΩ Input Resistance
Selectable Nominal Amplification of 10,
100, or 400
No Frequency Compensation Required

description/ordering information
The μA733 is a monolithic two-stage video amplifier with differential inputs and differential outputs. Internal
series-shunt feedback provides wide bandwidth, low phase distortion, and excellent gain stability.
Emitter-follower outputs enable the device to drive capacitive loads, and all stages are current-source biased
to obtain high common-mode and supply-voltage rejection ratios.
Fixed differential amplification of 10 V/V, 100 V/V, or 400 V/V may be selected without external components,
or amplification may be adjusted from 10 V/V to 400 V/V by the use of a single external resistor connected
between 1A and 1B. No external frequency-compensating components are required for any gain option.
The device is particularly useful in magnetic-tape or disc-file systems using phase or NRZ encoding and in
high-speed thin-film or plated-wire memories. Other applications include general-purpose video and pulse
amplifiers where wide bandwidth, low phase shift, and excellent gain stability are required.
The μA733C is characterized for operation from 0°C to 70°C; the μA733M is characterized for operation over
the full military temperature range of −55°C to 125°C.




Similar Part No. - UA733C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA733C TI-UA733C Datasheet
486Kb / 16P
DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI-UA733C Datasheet
592Kb / 17P
DIFFERENTIAL VIDEO AMPLIFIERS
logo
List of Unclassifed Man...
UA733C ETC2-UA733C Datasheet
157Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
UA733C TI1-UA733C Datasheet
905Kb / 21P
DIFFERENTIAL VIDEO AMPLIFIERS
logo
Rochester Electronics
UA733CA ROCHESTER-UA733CA Datasheet
628Kb / 1P
TWO-STAGE VIDEO AMPLIFIER reintroducing the UA733M version 14 pin DIP
More results


Similar Description - UA733C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
Differential video amplifier
April 15, 1992
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
Video Instrumentation Amplifiers
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
DIFFERENTIAL VIDEO AMPLIFIERS
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
Video Instrumentation Amplifiers
January 1996
logo
Texas Instruments
UA733 TI-UA733_07 Datasheet
592Kb / 17P
DIFFERENTIAL VIDEO AMPLIFIERS
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
UA733C TI1-UA733C Datasheet
905Kb / 21P
DIFFERENTIAL VIDEO AMPLIFIERS
TL592 TI1-TL592 Datasheet
95Kb / 5P
DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com