Electronic Components Datasheet Search
  English  ▼

X  

TXS0206 Datasheet (PDF) - Texas Instruments

TXS0206 Datasheet PDF - Texas Instruments
Part # TXS0206
Download  TXS0206 Download
File Size   490.18 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING

TXS0206 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0206 Datasheet PDF - Texas Instruments

Part # TXS0206
Download  TXS0206 Click to download

File Size   490.18 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING

TXS0206 Datasheet (HTML) - Texas Instruments


TXS0206 Product details

1FEATURES
2• Level Translator
– VCCA and VCCB Range of 1.1 V to 3.6 V
– Fast Propagation Delay (4 ns Max When
Translating Between 1.8 V and 3 V)
• Integrated EMI Filtering and ESD Protection
Circuitry
• ESD Protection Exceeds JESD 22 (A Port)
– 2500-V Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
• ±8-kV Contact Discharge IEC 61000-4-2 ESD
(B-port)

DESCRIPTION/ORDERING INFORMATION
The TXS0206 is a level shifter for interfacing microprocessors with MultiMediaCards (MMCs), secure digital (SD)
cards, and Memory Stick™ cards. It includes a high-speed level translator along with ESD protection and EMI
filtering circuitry.
The voltage-level translator has two supply voltage pins. VCCA as well as VCCB can be operated over the full
range of 1.1 V to 3.6 V. The TXS0206 enables system designers to easily interface applications processors or
digital basebands to memory cards and SDIO peripherals operating at a different I/O voltage level.
Memory card standards recommend high-ESD protection for devices that connect directly to the external memory
card. To meet this need, the TXS0206 incorporates ±8-kV Contact Discharge protection on the card side.
The TXS0206 is offered in a 20-bump wafer chip scale package (WCSP). This package has dimensions of
1.96 mm × 1.56 mm, with a 0.4-mm ball pitch for effective board-space savings. Memory cards are widely used
in mobile phones, PDAs, digital cameras, personal media players, camcorders, set-top boxes, etc. Low static
power consumption and small package size make the TXS0206 an ideal choice for these applications.




Similar Part No. - TXS0206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
496Kb / 30P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
398Kb / 23P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
574Kb / 25P
MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results


Similar Description - TXS0206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_0912 TI-TXS0206-29_0912 Datasheet
398Kb / 23P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29_1007 TI-TXS0206-29_1007 Datasheet
574Kb / 25P
MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com